Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5200 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC5200
Description  100 mA Low-Dropout Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5200 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC5200 Datasheet HTML 4Page - Microchip Technology MIC5200 Datasheet HTML 5Page - Microchip Technology MIC5200 Datasheet HTML 6Page - Microchip Technology MIC5200 Datasheet HTML 7Page - Microchip Technology MIC5200 Datasheet HTML 8Page - Microchip Technology MIC5200 Datasheet HTML 9Page - Microchip Technology MIC5200 Datasheet HTML 10Page - Microchip Technology MIC5200 Datasheet HTML 11Page - Microchip Technology MIC5200 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
MIC5200
DS20005578A-page 8
 2016 Microchip Technology Inc.
FIGURE 2-13:
Short Circuit Current vs.
Input Voltage.
FIGURE 2-14:
Load Transient.
FIGURE 2-15:
Load Transient.
FIGURE 2-16:
Supply Current vs. Supply
Voltage (3.3V Version).
FIGURE 2-17:
Line Transient.
FIGURE 2-18:
Line Transient.
0
50
100
150
200
250
300
12
345
67
INPUT VOLTAGE (V)
C
IN = 2.2μF
C
OUT = 4.7μF
V
OUT = 3.3V
-30
-20
-10
0
10
20
0
100
200
300
-2
02
46
8
10
TIME (ms)
C
L = 4.7μF
0
100
200
300
-10
0
10203040
TIME (ms)
-30
-20
-10
0
10
20
C
L = 47μF
0
20
40
60
80
100
120
01 23 456 78 9 10
SUPPLY VOLTAGE (V)
R
L = 33Ω
-10
-5
0
5
10
2
4
6
8
-0.2
0
0.2
0.4
0.6
0.8
TIME (ms)
C
L = 1 μF
I
L = 1mA
-5
0
5
10
15
2
4
6
8
-0.1 0
0.1 0.2 0.3 0.4 0.5 0.6
TIME (ms)
C
L = 10 μF
I
L = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com