Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5200 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC5200
Description  100 mA Low-Dropout Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5200 Datasheet(HTML) 1 Page - Microchip Technology

  MIC5200 Datasheet HTML 1Page - Microchip Technology MIC5200 Datasheet HTML 2Page - Microchip Technology MIC5200 Datasheet HTML 3Page - Microchip Technology MIC5200 Datasheet HTML 4Page - Microchip Technology MIC5200 Datasheet HTML 5Page - Microchip Technology MIC5200 Datasheet HTML 6Page - Microchip Technology MIC5200 Datasheet HTML 7Page - Microchip Technology MIC5200 Datasheet HTML 8Page - Microchip Technology MIC5200 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2016 Microchip Technology Inc.
DS20005578A-page 1
MIC5200
Features
• High Output Voltage Accuracy
• Variety of Output Voltages
• Guaranteed 100 mA Output
• Low Quiescent Current
• Low Dropout Voltage
• Extremely Tight Load and Line Regulation
• Very Low Temperature Coefficient
• Current and Thermal Limiting
• Zero OFF Mode Current
• Logic-Controlled Electronic Shutdown
• Available in 8-Lead SOIC, MM8 8-Lead MSOP,
and SOT-223 Packages
Applications
• Cellular Telephones
• Laptop, Notebook, and Palmtop Computers
• Battery-Powered Equipment
• PCMCIA VCC and VPP Regulation/Switching
• Barcode Scanners
• SMPS Post-Regulator/DC-to-DC Modules
• High Efficiency Linear Power Supplies
General Description
The MIC5200 is an efficient linear voltage regulator
with very low dropout voltage (typically 17 mV at light
loads and 200 mV at 100 mA), and very low ground
current (1 mA at 100 mA output), offering better than
1% initial accuracy with a logic-compatible ON/OFF
switching input. Designed especially for hand-held
battery-powered devices, the MIC5200 is switched by
a CMOS- or TTL-compatible logic signal. The ENABLE
control may be tied directly to VIN if unneeded. When
disabled, power consumption drops nearly to zero. The
ground current of the MIC5200 increases only slightly
in dropout, further prolonging battery life. Key MIC5200
features include protection against reversed battery,
current limiting, and overtemperature shutdown.
The MIC5200 is available in several fixed voltages and
accuracy configurations. Other options are available;
contact Microchip for details.
Typical Application Schematic
MIC5200-3.3
ENABLE
OUTPUT
1μF
100 mA Low-Dropout Regulator


Similar Part No. - MIC5200

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5200 MICREL-MIC5200 Datasheet
87Kb / 6P
100mA Low-Dropout Voltage Regulator Preliminary Information
MIC5200-3.0BM MICREL-MIC5200-3.0BM Datasheet
87Kb / 6P
100mA Low-Dropout Voltage Regulator Preliminary Information
MIC5200-3.0BM MICREL-MIC5200-3.0BM Datasheet
179Kb / 10P
100mA Low-Dropout Regulator
MIC5200-3.0BS MICREL-MIC5200-3.0BS Datasheet
87Kb / 6P
100mA Low-Dropout Voltage Regulator Preliminary Information
MIC5200-3.0BS MICREL-MIC5200-3.0BS Datasheet
179Kb / 10P
100mA Low-Dropout Regulator
More results

Similar Description - MIC5200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
Micropower 100 mA Ultra Low-Dropout Regulator
logo
Unisonic Technologies
UTCLP2950 UTC-UTCLP2950 Datasheet
159Kb / 7P
100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
AMC2951 ETC-AMC2951 Datasheet
226Kb / 8P
100 MA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LP2950 UTC-LP2950_05 Datasheet
95Kb / 7P
100 mA LOW-DROPOUT VOLTAGE REGULATOR
LP2950 UTC-LP2950_09 Datasheet
294Kb / 7P
100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LP2950-2951 ETL-LP2950-2951 Datasheet
294Kb / 7P
100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Analog Devices
ADP3307 AD-ADP3307_15 Datasheet
1Mb / 8P
100 mA Low Dropout Linear Regulator
REV. A
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950 Datasheet
711Kb / 9P
100 mA Low-Dropout Voltage Regulator
logo
Microchip Technology
MIC5202 MICROCHIP-MIC5202 Datasheet
535Kb / 22P
Dual 100 mA Low-Dropout Regulator
06/23/16
LP2951 MICROCHIP-LP2951 Datasheet
2Mb / 30P
100 mA Low-Dropout Voltage Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com