Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF22 Datasheet (PDF) - Hirose Electric

DF22 Datasheet PDF - Hirose Electric
Part # DF22
Download  DF22 Download
File Size   579.37 Kbytes
Page   12 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 7.92mm Contact Pitch High-Current Connectors for Internal

DF22 Datasheet (PDF)

Go To PDF Page Download Datasheet
DF22 Datasheet PDF - Hirose Electric

Part # DF22
Download  DF22 Click to download

File Size   579.37 Kbytes
Page   12 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 7.92mm Contact Pitch High-Current Connectors for Internal

DF22 Datasheet (HTML) - Hirose Electric


DF22 Product details

■ Features
1. 30 A maximum current
   Single position connector can carry current of 30 A with #10 AWG conductor. Please refer to Table #1 for current ratings for multi position connectors using other conductor sizes.
2. Complete Locking Function
   Reliable interior lock protects mated connectors from accidental disconnection.
3. Prevention of Incorrect Connections
   To prevent incorrect connection when using multiple connectors having the same Number of contacts, 3 product types having different mating configurations are available.
4. Molded-in contact retention tabs
   Handling of terminated contacts during the crimping is easier and avoids entangling of wires, since there are no protruding metal tabs.
5. Prevention of incorrect board placement
   Built-in posts assure correct connector placement and orientation on the board.
6. Supports encapsulation
   Connectors can be encapsulated up to 10 mm without affecting the performance.
7. Prevention of Short Circuits Between Adjacent Contacts
   Each Contact is completely surrounded by the insulator housing electrically isolating it from adjacent contacts.
8. Increased Retention Force of Crimped Contacts and confirmation of complete contact insertion
   Separate contact retainers are provided for applications where extreme pull-out forces may be applied against the wire or when a visual confirmation of the full contact insertion is required.
9. Full Line of Crimp Socket Contacts
   Realizing the market needs for multitude of different applications, Hirose has developed several variants of crimp socket contacts and housings. Continuous development is adding different variations. Contact your nearest Hirose Electric representative for latest developments.
10. In-line Connections
   Connectors can be ordered for in-line cable connections. In addition, assemblies can be placed next to each other allowing 4 position total (2 ∞ 2) in a small space.
11. Listed by UL, C-UL, and TÜV.

■ Applications
  Office equipment, power supplies for industrial, medical and instrumentation applications, variety of consumer electronic, and electrical applications.




Similar Part No. - DF22

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22-1012PC HIROSE-DF22-1012PC Datasheet
569Kb / 15P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1012PCF HIROSE-DF22-1012PCF Datasheet
569Kb / 15P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1012SC HIROSE-DF22-1012SC Datasheet
569Kb / 15P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1012SCF HIROSE-DF22-1012SCF Datasheet
569Kb / 15P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1416PC HIROSE-DF22-1416PC Datasheet
569Kb / 15P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
More results


Similar Description - DF22

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22-1S-7.92C HIROSE-DF22-1S-7.92C Datasheet
569Kb / 15P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF22-1S-7.92C HIROSE-DF22-1S-7.92C_1 Datasheet
463Kb / 16P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
logo
ERNI Electronics
014317 ERNI-014317 Datasheet
48Kb / 1P
High Current Male Contact
053312 ERNI-053312 Datasheet
50Kb / 1P
High Current Male Contact
103100360001 ERNI-103100360001 Datasheet
50Kb / 1P
High Current Female Contact
logo
STMicroelectronics
L6788A STMICROELECTRONICS-L6788A Datasheet
334Kb / 18P
High current internal drivers
22-Jul-2009
logo
Lumberg
458003MPT2.0 LUMBERG-458003MPT2.0 Datasheet
261Kb / 3P
High-current contact elements
458003OPT0.8 LUMBERG-458003OPT0.8 Datasheet
257Kb / 3P
High-current contact elements
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com