Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF22 Datasheet(PDF) 8 Page - Hirose Electric

Part # DF22
Description  7.92mm Contact Pitch High-Current Connectors for Internal
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22 Datasheet(HTML) 8 Page - Hirose Electric

Back Button DF22 Datasheet HTML 4Page - Hirose Electric DF22 Datasheet HTML 5Page - Hirose Electric DF22 Datasheet HTML 6Page - Hirose Electric DF22 Datasheet HTML 7Page - Hirose Electric DF22 Datasheet HTML 8Page - Hirose Electric DF22 Datasheet HTML 9Page - Hirose Electric DF22 Datasheet HTML 10Page - Hirose Electric DF22 Datasheet HTML 11Page - Hirose Electric DF22 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
DF22 Series
●7.92mm Contact Pitch High-Current Connectors for Internal Power Supplies (UL, C-UL and TÜV Listed)
17.22
10.5
7.92
Cavity No.
No. of contacts
indicator
Polarity
mark
Polarity
mark
Contact No.1
24.22
33
17.22
10.5
7.92
Cavity No.
No. of contacts
indicator
Contact No.1
1
2
3
4
4
A
1
2
3
4
4
A
7.92
15.5
Contact No.1
No. of contacts
indicator
Polarity
mark
Cavity No.
(21.29)
A
1
3
2
4
Standard lock
BRecommended Panel Cutout
(Panel mount type)
11±0.2
19.76
+0.1
0
(23.72-X)
+0.1
0
17.62
+0.1
0
■In-line Double-row Socket
Note : Bag packaging (100 pcs/pack). Order by number of packs.
HRS No.
Part No.
No. of Contacts
Lock type
DF22B-4DS-7.92C
4
Standard lock
Standard Type (Guide Key : Inside, Color : White)
680-1142-8
HRS No.
Part No.
No. of Contacts
Lock type
DF22BR-4DS-7.92C
4
Standard lock
R Type (Guide Key : Right Side, Color : Black)
680-1156-2
HRS No.
Part No.
No. of Contacts
Lock type
DF22BL-4DS-7.92C
4
Standard lock
L Type (Guide Key : Left Side, Color : Red)
680-1161-2
■In-line Double-row Plug
HRS No.
Part No.
No. of Contacts
Connector type
DF22-4DEP-7.92C
DF22A-4DEP-7.92C
4
4
With snap-in tabs
Without snap-in tabs
Standard Type (Guide Key : Inside, Color : White)
680-1051-4
680-1056-8
HRS No.
Part No.
No. of Contacts
Connector type
DF22R-4DEP-7.92C
4
With snap-in tabs
R Type (Guide Key : Right Side, Color : Black)
680-1170-3
Shown with terminated and contacts installed.
Panel thickness
X
2.0
1.6
1.2
0.8
0.48
0.96
1.44
1.92
Shown with terminated and contacts installed.
Unit : mm
Unit : mm
Unit : mm
Unit : mm
Unit : mm
Note : Bag packaging (100 pcs/pack). Order by number of packs.
HRS No.
Part No.
No. of Contacts
Connector type
DF22L-4DEP-7.92C
DF22AL-4DEP-7.92C
4
4
With snap-in tabs
Without snap-in tabs
L Type (Guide Key : Left Side, Color : Red)
680-1175-7
680-1189-1
Unit : mm
Note 1 : Please ensure when mating this connector
that the tapered portions of the panel are
facing outward towards the receptacle
connector’s mating interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com