Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF22 Datasheet(PDF) 4 Page - Hirose Electric

Part # DF22
Description  7.92mm Contact Pitch High-Current Connectors for Internal
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22 Datasheet(HTML) 4 Page - Hirose Electric

  DF22 Datasheet HTML 1Page - Hirose Electric DF22 Datasheet HTML 2Page - Hirose Electric DF22 Datasheet HTML 3Page - Hirose Electric DF22 Datasheet HTML 4Page - Hirose Electric DF22 Datasheet HTML 5Page - Hirose Electric DF22 Datasheet HTML 6Page - Hirose Electric DF22 Datasheet HTML 7Page - Hirose Electric DF22 Datasheet HTML 8Page - Hirose Electric DF22 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
DF22 Series
●7.92mm Contact Pitch High-Current Connectors for Internal Power Supplies (UL, C-UL and TÜV Listed)
-----
15.84
-----
7.92
15.84
23.76
■ Type III
Height : Long type, Standard lock
■ Type IV
Height : Long type, Enhanced ergonomic lock
Shown with terminated and contacts installed.
Type
4
Height : Long type,
user-friendly operation
1
A
(12.75)
8
No. of contacts
indicator
Cavity No.
Type
4
Height : Long type,
user-friendly
operation
Type
3
Height : Long type,
Standard lock
3
A
Contact No. 1
(12.75)
(11.55)
No. of contacts
indicator
Cavity No.
Polarity
mark
A
B
P=7.92
1 Pos.
2 to 5 Pos.
Shown with terminated and contacts installed.
■Crimp Sockets (Height, Long Type)
Standard Type (Guide Key : Inside, Color : White)
Standard Type (Guide Key : Inside, Color : White)
Note 1 : Bag packaging (100 pcs/pack). Order by number of packs.
Note 2 : Every even number position has a different locking design.
Note 1 : Bag packaging (100 pcs/pack). Order by number of packs.
Note 2 : Every even number position has a different locking design.
HRS N
o.
Part No.
No. of Contacts
A
B
DF22B-2S-7.92C
DF22B-3S-7.92C
DF22B-4S-7.92C
DF22B-5S-7.92C
2
3
4
5
15.50
23.42
31.34
39.26
7.92
15.84
23.76
31.68
680-1097-5
680-1098-8
680-1099-0
680-1100-8
HRS N
o.
Part No.
No. of Contacts
A
B
DF22C-1S-7.92C
DF22C-2S-7.92C
DF22C-3S-7.92C
DF22C-4S-7.92C
1
2
3
4
8.00
15.50
23.42
31.34
680-1101-0
680-1102-3
680-1103-6
680-1104-9
R Type (Guide Key : Right Side, Color : Black)
HRS N
o.
Part No.
No. of Contacts
A
B
DF22CR-3S-7.92C
3
23.42 15.84
680-1130-9
L Type (Guide Key : Left Side, Color : Red)
HRS N
o.
Part No.
No. of Contacts
A
B
DF22CL-1S-7.92C
DF22CL-3S-7.92C
1
3
8.00
23.42
680-1133-7
680-1135-2
Unit : mm
Unit : mm
Unit : mm
Unit : mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com