Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF22 Datasheet(PDF) 1 Page - Hirose Electric

Part # DF22
Description  7.92mm Contact Pitch High-Current Connectors for Internal
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22 Datasheet(HTML) 1 Page - Hirose Electric

  DF22 Datasheet HTML 1Page - Hirose Electric DF22 Datasheet HTML 2Page - Hirose Electric DF22 Datasheet HTML 3Page - Hirose Electric DF22 Datasheet HTML 4Page - Hirose Electric DF22 Datasheet HTML 5Page - Hirose Electric DF22 Datasheet HTML 6Page - Hirose Electric DF22 Datasheet HTML 7Page - Hirose Electric DF22 Datasheet HTML 8Page - Hirose Electric DF22 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
■Features
1. Rated up to 30A
Single position connector can carry current of 30A with 10
AWG conductor. Please refer to Table #1 for current ratings for
multi-position connectors using other conductor sizes.
2. Positive Locking Function
Reliable interior lock protects mated connectors from
accidental disconnection. (Fig.1)
3. Prevention of Incorrect Connections
To prevent incorrect connection when using multiple connectors
having the same Number of contacts, 3 product types having
different mating configurations are available. (Fig.2)
4. Molded-in contact retention tabs
Handling of terminated contacts during the crimping is
easier and avoids entangling of wires, since there are
no protruding metal tabs.
5. Prevention of incorrect board placement
Built-in posts assure correct connector placement and
orientation on the board.
6. Supports resin sealing
Allows potting up to 10mm.
7. Prevention of Short Circuits Between
Adjacent Contacts
Each Contact is completely surrounded by the housing
wall electrically isolating it from adjacent contacts.
8. Increased Retention Force of Crimped
Contacts
Improved pull-out force design.
9. Full Line of Crimp Socket Contacts
Hirose has released DF22C-
*S-7.92C which has easy
to push/release latch design. and DF22B-
*S-7.92C/
DF22C-
*S-7.92C which has improved electrical
insulation properties.
10. In-line Connections
Wire-to-wire connection is also available. Space is saved
with 2-row (2×2) layout for 4 pos.
11. UL, C-UL, and TÜV Certified.
Keying for multiple use
Positive
Lock
●R Type (Guide key : right side, Color : black)
●StandardType (Guide key : inside, Color : natural)
●L Type (Guide key : left side, Color : red)
*The image on the left show header (the board dip
side), the image on the right show the socket
(cable side).
*The guide key position is indicated in position
facing the mating surface of the header.
Completely
enclosed
locking system
Protection from
shorts circuits
between adjacent
contacts
2016.1
e
DF22 Series
7.92mm Contact Pitch High-Current Connectors for Internal
Power Supplies (UL, C-UL and TÜV Listed)
Fig.1
Fig.2
12. Glow Wire compliance (Compliant with IEC 60695-2-11)


Similar Part No. - DF22

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22-1012PC HIROSE-DF22-1012PC Datasheet
569Kb / 15P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1012PCF HIROSE-DF22-1012PCF Datasheet
569Kb / 15P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1012SC HIROSE-DF22-1012SC Datasheet
569Kb / 15P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1012SCF HIROSE-DF22-1012SCF Datasheet
569Kb / 15P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1416PC HIROSE-DF22-1416PC Datasheet
569Kb / 15P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
More results

Similar Description - DF22

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22-1S-7.92C HIROSE-DF22-1S-7.92C Datasheet
569Kb / 15P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF22-1S-7.92C HIROSE-DF22-1S-7.92C_1 Datasheet
463Kb / 16P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
logo
ERNI Electronics
014317 ERNI-014317 Datasheet
48Kb / 1P
High Current Male Contact
053312 ERNI-053312 Datasheet
50Kb / 1P
High Current Male Contact
103100360001 ERNI-103100360001 Datasheet
50Kb / 1P
High Current Female Contact
logo
STMicroelectronics
L6788A STMICROELECTRONICS-L6788A Datasheet
334Kb / 18P
High current internal drivers
22-Jul-2009
logo
Lumberg
458003MPT2.0 LUMBERG-458003MPT2.0 Datasheet
261Kb / 3P
High-current contact elements
458003OPT0.8 LUMBERG-458003OPT0.8 Datasheet
257Kb / 3P
High-current contact elements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com