Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF22 Datasheet(PDF) 5 Page - Hirose Electric

Part # DF22
Description  7.92mm Contact Pitch High-Current Connectors for Internal
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22 Datasheet(HTML) 5 Page - Hirose Electric

  DF22 Datasheet HTML 1Page - Hirose Electric DF22 Datasheet HTML 2Page - Hirose Electric DF22 Datasheet HTML 3Page - Hirose Electric DF22 Datasheet HTML 4Page - Hirose Electric DF22 Datasheet HTML 5Page - Hirose Electric DF22 Datasheet HTML 6Page - Hirose Electric DF22 Datasheet HTML 7Page - Hirose Electric DF22 Datasheet HTML 8Page - Hirose Electric DF22 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
DF22 Series
●7.92mm Contact Pitch High-Current Connectors for Internal Power Supplies (UL, C-UL and TÜV Listed)
BRecommended PCB Layout
(Board thickness : 1.6±0.1)
Cavity No.
No. of contacts
indicator
10.8
2.3
0.8
9.3
10.8
3.2
3.9
8.7
1
Cavity No.
No. of contacts
indicator
Polarity
mark
A
B
Ø1.5
3.45
0.8
4.35
1 Pos.
2-R0.5
2.5
+0.1
0
8.5
+0.1
--0.2
11.1±0.1
1 Pos.
2 to 5 Pos.
2 to 5 Pos.
■Straight Header
Note 1 : Bag packaging (100 pcs/pack). Order by number of packs.
Note 2 : Tray packaging (150 pcs/tray). Order by number of 150.
Note 3 : Every even number position has a different locking design.
Note 4 : Please contact Hirose representative if you have request for non-standard Au plating.
Standard Type (Guide Key : Inside, Color : Natural Beige)
R Type (Guide Key : Right Side, Color : Black)
L Type (Guide Key : Left Side, Color : Red)
[Specification number]
(05) : Tin-copper plated bag packaging
(25) : Tin-copper plated tray packaging (only 1 pos)
(06) : Gold plated, bag packaging
Unit : mm
Unit : mm
Unit : mm
Part No.
HRS No.
No. of Contacts
AB
Bag Packaging Tray Packaging Tin-copper plated Gold plated
DF22-1P-7.92DSA(**) 680-1013-5 **
1
-----
-----
-----
✓✓
-----
DF22-2P-7.92DSA(**) 680-1014-8 **
2
17.22 7.92
✓
-----
✓✓
DF22-3P-7.92DSA(**) 680-1015-0 **
3
25.14 15.84
✓
-----
✓✓
DF22-4P-7.92DSA(**) 680-1016-3 **
4
33.06 23.76
✓
-----
✓
-----
DF22-5P-7.92DSA(**) 680-1017-6 **
5
40.98 31.68
✓
-----
✓
-----
Part No.
HRS No.
No. of Contacts
AB
Bag Packaging Tray Packaging Tin-copper plated Gold plated
DF22R-1P-7.92DSA(**) 680-1036-0 **
1
-----
-----
-----
✓✓
-----
DF22R-2P-7.92DSA(**) 680-1037-3 **
2
17.22 7.92
✓
-----
✓
-----
DF22R-3P-7.92DSA(**) 680-1038-6 **
3
25.14 15.84
✓
-----
✓
-----
DF22R-4P-7.92DSA(**) 680-1039-9 **
4
33.06 23.76
✓
-----
✓
-----
DF22R-5P-7.92DSA(**) 680-1040-8 **
5
40.98 31.68
✓
-----
✓
-----
Part No.
HRS No.
No. of Contacts
AB
Bag Packaging Tray Packaging Tin-copper plated Gold plated
DF22L-1P-7.92DSA(**) 680-1041-0 **
1
-----
-----
-----
✓✓
-----
DF22L-2P-7.92DSA(**) 680-1042-3 **
2
17.22 7.92
✓
-----
✓
-----
DF22L-3P-7.92DSA(**) 680-1043-6 **
3
25.14 15.84
✓
-----
✓
-----
DF22L-4P-7.92DSA(**) 680-1044-9 **
4
33.06 23.76
✓
-----
✓
-----
DF22L-5P-7.92DSA(**) 680-1045-1 **
5
40.98 31.68
✓
-----
✓
-----



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com