Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF22 Datasheet(PDF) 12 Page - Hirose Electric

Part # DF22
Description  7.92mm Contact Pitch High-Current Connectors for Internal
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22 Datasheet(HTML) 12 Page - Hirose Electric

Back Button DF22 Datasheet HTML 4Page - Hirose Electric DF22 Datasheet HTML 5Page - Hirose Electric DF22 Datasheet HTML 6Page - Hirose Electric DF22 Datasheet HTML 7Page - Hirose Electric DF22 Datasheet HTML 8Page - Hirose Electric DF22 Datasheet HTML 9Page - Hirose Electric DF22 Datasheet HTML 10Page - Hirose Electric DF22 Datasheet HTML 11Page - Hirose Electric DF22 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
DF22 Series
●7.92mm Contact Pitch High-Current Connectors for Internal Power Supplies (UL, C-UL and TÜV Listed)
Molded-in lance
Flat-bladed screwdriver
(1)
(2)
2-6-3,Nakagawa Chuoh,Tsuzuki-Ku,Yokohama-Shi 224-8540,JAPAN
TEL: +81-45-620-3526 Fax: +81-45-591-3726
http://www.hirose.com
http://www.hirose-connectors.com
®
BTools
BContact Extraction
■ Contact extraction tool : Flat-bladed screwdriver, 1.4mm blade width
■ Intended crimp Contacts : DF22-1416SC(F), DF22-1416SCFA, DF22A-1416SC(F),
DF22A-1416SCFA, DF22A-1012SC(F), DF22A-1012SCFA,
DF22-1416PC(F), DF22-1416PCFA, and DF22A-1416PC(F)
■ Work Method
Housing Cross-
Sectional Diagram
BPrecautions
●The connector could be damaged if it is pulled out forcibly. When it is hard to pull out, push it in slightly first and then
depress the lock and un- mate.
●When thick, short sections of wire are used, the connector could be deformed due to the force of the wires’ position.
Route cables in such a way that they do twist when being installed.
●Incomplete insertion of the contact can be prevented by mounting a retainer; however, mounting of a retainer might not
be possible when the contact protrudes beyond the socket. Insert the contact securely and then mount the retainer.
●Please refer to the documents "Cable assembly Procedure", "Crimp condition" and "Crimp quality standards" for
the cable assembly procedures.
●Please refer to the "Mating/Unmating Operation Instruction Manual" for the connector operation.
●Please refer to the "Nylon Connector Guide" for handling instructions.
1. Refer to the drawing No. 1. Insert
correct size screwdriver in the
insulator against the molded-in
lance. Deflect the lance as shown.
2. Assure that the lance is deflected
to release the contact and pull- out
wire with the terminated contact.
Note 1 : When crimping contact DF22A-1012SCF use a press with 3.5 ton min.
Note 2 : AP109A type applicators cannot be used with the CM-105C press.
Note 3 : Any problems that occur from using tools other than those specified by Hirose, are not covered by warranty.
Note 4 : Applicator manufactured by JAPAN AUTOMATIC MACHINE (J.A.M.). Please access to HP of J.A.M., if you make inquiries
about the applicator or crimp defect. (URL : http://www.jam-net.co.jp)
Note 5 : Please follow the "Crimping quality standards" and "Table of crimping conditions" when crimping contacts.
Caution
There are parts on the crimp contact that can cause injuries, please use caution when unmating the contacts.
BCurrent Ratings
The current rating listed in the catalog indicates the allowable current per contact. However, in applications requiring
current transmission through all the contacts, about one-third of the listed rating should be applied.
When the current rating for the connector is 3A, and the allowable current of the conductor being used is 1A, then rating
of 1A will be used for the entire assembly.
The connectors should not be mating / unmating when the electrical current is being applied.
Hot swap should not be performed.
BUsage Environment
Please contact us about use in equipment that is subjected to repetitive high temperature and low temperature
environmental conditions.
Type
Item
Part No.
HRS No.
Applicable Contacts
Automatic
Press unit
CM-105C
901-0001-0
DF22/DF22A-1416SCF/PCF/SCFA
Applicators are used in automatic crimping
machines manufactured by Hirose Electric
AP105-DF22-1416
901-4576-7
DF22-1416SCF/PCF/SCFA/PCFA
AP105-DF22A-1416
901-4578-2
DF22A-1416SCF/PCF/SCFA
Applicators are used in automatic
crimping machines manufactured by
other companies
AP109A-DF22-1416
901-4579-5
DF22-1416SCF/PCF/SCFA/PCFA
AP109A-DF22A-1416
901-4580-4
DF22A-1416SCF/PCF/SCFA/PCFA
AP109A-DF22A-1012
901-4582-0
DF22A-1012SCF/SCFA
Applicator manufactured by
JAPAN AUTOMATIC MACHINE
CHS893800H-UP
-
DF22-1416SCF/DF22-1416PCF
CHS893900H-UP
-
DF22A-1416SCF/DF22A-1416PCF
QHS895800H-UP
-
DF22A-1012SCF
Manual
Crimp tools
HT104/DF22-1416
550-0285-0
DF22-1416SC/PC
HT104/DF22A-1416
550-0286-2
DF22A-1416SC/PC
HT103/DF22A-1012
550-0288-8
DF22A-1012SC
The characteristics and the specifications contained herein are for reference purpose. Please refer to the latest customer drawings prior to use.
The contents of this catalog are current as of date of 01/2016. Contents are subject to change without notice for the purpose of improvements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com