Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF22 Datasheet(PDF) 2 Page - Hirose Electric

Part # DF22
Description  7.92mm Contact Pitch High-Current Connectors for Internal
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22 Datasheet(HTML) 2 Page - Hirose Electric

  DF22 Datasheet HTML 1Page - Hirose Electric DF22 Datasheet HTML 2Page - Hirose Electric DF22 Datasheet HTML 3Page - Hirose Electric DF22 Datasheet HTML 4Page - Hirose Electric DF22 Datasheet HTML 5Page - Hirose Electric DF22 Datasheet HTML 6Page - Hirose Electric DF22 Datasheet HTML 7Page - Hirose Electric DF22 Datasheet HTML 8Page - Hirose Electric DF22 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
DF22 Series
●7.92mm Contact Pitch High-Current Connectors for Internal Power Supplies (UL, C-UL and TÜV Listed)
■Product Specifications
Ratings
Current
rating
(Note 1)
Voltage
rating
Specification
UL/C-UL
TÜV
AC/DC
1000V
AC/DC
600V
AC/DC
600V
No. of contacts
1
2
3
4
5
10 AWG
30A
25A
25A
22A
22A
12 AWG
25A
20A
20A
18A
18A
14 AWG
20A
18A
18A
15A
15A
16 AWG
15A
15A
15A
13A
13A
Operating temperature range
Operating humidity range
Storage temperature range
Storage humidity range
UL/C-UL/TÜV
File No. and Recognition No.
UL
: E52653
C-UL
: E52653
TÜV
: R9950703
-35
ç to 85ç (Note 2)
20% to 80%
-10
ç to 60ç (Note 3)
40% to 70% (Note 3)
Measured at 1mA and no higher than 20mV
Measured at DC=1000V
AC 2500 V is applied for one minute.
Measured with a steel pin of 1.6 x 0.8
± 0.002 thickness
30 mating cycles
Frequency 10-55 Hz, half amplitude 0.75 mm, 10 times in each of the three directions
Accelerated velocity : 490 m/s2 for 11 ms, half-sine wave in 3 directions, 3 times for each direction
Temperature : 40
± 2ç ; humidity : 90 to 95%, left as it is for 96 hours
(-55
ç : 30 minutes➝ 5 to 35ç : 5 minutes➝ 85ç : 30 minutes➝ 5 to 35ç : 5 minutes) for 5 cycles
No more than 5m
ø
No less than 1,000M
ø
No flashover or breakdown
0.3N min., 5N max
Contact resistance : no more than 10m
ø
No electrical discontinuity of 1
µs or greater
No electrical discontinuity of 1
µs or greater
Contact resistance : no more than 10m
ø
Contact resistance : no more than 10m
ø
The resin parts should withstand the
temperature and resist melting.
1. Contact Resistance
2. Insulation Resistance
3. Withstand Voltage
4. Contact Insertion and Extraction Forces
5. Durability
6. Vibration Resistance
7. Shock Resistance
8. Moisture-Resistance
9. Temperature cycles
10. Solder heat Resistance
Item
Specifications
Conditions
■Product Number Structure
DF22 B L - 2 S - 7.92 C (
**)
Number of contacts : 1 to 5
Contact pitch : 7.92 mm
Type of housing
C
: Crimp housing
DSA
: Straight header
DS
: Right-angle header
No letter : Retainer
Connector type
S
: Socket
DS
: Double-row socket
P
: Header
EP
: In-line plug
DEP
: Double-row in-line plug
RS/P
: Retainer
Series name : DF22
Guide key type
Blank : Inside (Color: natural)
R : Right side (Color: black)
L : Left side (Color: red)
Form Type
Sockets
Blank : Standard height, standard lock (Type I)
B : Long type, standard lock (Type III)
C : Long type, ergonomic lock (Type IV)
In-line Plugs
Blank : With panel stop
A : Without panel stop
Applicable Cable
Blank : UL1430
A
: UL1015
Applicable Conductor
1416 : 14 to 16 AWG
1012 : 10 to 12 AWG
Plating specifications
Blank : Tin plated
A
: Gold plated
Packaging
SCF : Socket contacts / reel
SC
: Socket contacts / pack
PCF : In-line plug contacts / reel
PC
: In-line plug contacts / pack
Note 1 : Current rating of header is 30A (1 pos.), 25A (2 to 3 pos.) and 22A (4 to 5 pos.)
Note 2 : Includes temperature rise caused by current flow.
Note 3 : The storage condition refers to long-term storage of the product on the shelf before assembly. Please use the operating
temperature for temporary storage such as pre-assembly and during shipping.
Note : Standard Color, colors of the differing coupling forms are black for DF22R and red for DF22L.
■Materials / Finish
Remarks
UL94V-0
----------
UL94V-0
----------
Product
Part
Material
Finish
Sockets
Crimp contacts
Headers
Insulator
Contacts
Insulator
Contacts
Polyamide
High conductivity copper alloy
Polyamide (Glass reinforced)
High conductivity copper alloy
Color : Natural white
(Note)
Tin-lead plated or Gold plated
Color : Natural beige
(Note)
Tin-copper plated or Gold plated
●Socket, Header
DF22 A - 1416 SCF A
●Contacts
Flow : 250
ç, 10 sec
Hand soldering : temperature of soldering iron at 300
ç for 3 seconds
q
q
qi
!1
i
o
o
!1
!0
!0
w
w
e
e
r
r
t
t
y
y
u
u



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com