Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF22 Datasheet(PDF) 11 Page - Hirose Electric

Part # DF22
Description  7.92mm Contact Pitch High-Current Connectors for Internal
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22 Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF22 Datasheet HTML 4Page - Hirose Electric DF22 Datasheet HTML 5Page - Hirose Electric DF22 Datasheet HTML 6Page - Hirose Electric DF22 Datasheet HTML 7Page - Hirose Electric DF22 Datasheet HTML 8Page - Hirose Electric DF22 Datasheet HTML 9Page - Hirose Electric DF22 Datasheet HTML 10Page - Hirose Electric DF22 Datasheet HTML 11Page - Hirose Electric DF22 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
DF22 Series
●7.92mm Contact Pitch High-Current Connectors for Internal Power Supplies (UL, C-UL and TÜV Listed)
BMated Dimensions
●Socket to Straight Header Connection
1 Pos.
2 to 5 Pos.
●Socket to Right Angle Header
Connection
●Socket to In-line Plug (Panel mount type)
Connection
●Socket to In-line Plug Connection
●In-line Double-row socket to In-line Double-row
Plug (Panel mount type) Connection
●In-line Double-row socket to In-line
Double-row Plug Connection
(13.5)
(12.45)
DF22--*RS/P--7.92
DF22B/C--*RS/P--7.92
DF22#--*S--7.92C(28)
DF22#--*P--7.92DSA(**)
DF22B#--*S--7.92C
DF22C#--*S--7.92C
DF22#--*P--7.92DSA(**)
(13.5)
(12.45)
DF22--/1RS/P--7.92
DF22B/C--1RS/P--7.92
DF22B#--1S--7.92C
DF22C#--1S--7.92C
DF22#--1P--7.92DSA(**)
DF22#--1S--7.92C(28)
DF22#--1P--7.92DSA(**)
(31.6)
(34.6)
DF22--*RS/P--7.92
DF22B/C--*RS/P--7.92
DF22#--*S--7.92C(28)
DF22#--*P--7.92DS(**)
DF22#--*P--7.92DS(**)
DF22B#--*S--7.92C
DF22C#--*S--7.92C
(32.6)
(29.6)
(40.55)
(44.55)
DF22B/C--*RS/P--7.92
DF22--RS/P--7.92
DF22B/C--*RS/P--7.92
DF22B/C--*RS/P--7.92
(43.55)
(47.55)
DF22A#--*EP--7.92C
DF22A#--*EP--7.92C
DF22B#--*S--7.92C
DF22C#--*S--7.92C
DF22#--*S--7.92C(28)
(40.55)
(44.55)
DF22B/C---*RS/P--7.92
DF22--*RS/P--7.92C
(43.55)
(47.55)
DF22B/C--*RS/P--7.92
DF22B/C--*RS/P--7.92
DF22#--*EP--7.92C
DF22#--*EP--7.92C
DF22B#--*S--7.92C
DF22C#--*S--7.92C
DF22#--*S--7.92C(28)
(43.55)
(43.55)
DF22C#--4DS--7.92C
DF22A#--4DEP--7.92C
DF22B#--4DS--7.92C
DF22A#--4DEP--7.92C
(43.55)
(43.55)
DF22C#--4DS--7.92C
DF22#--4DEP--7.92C
DF22B#--4DS--7.92C
DF22#--4DEP--7.92C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com