Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIC01 Datasheet (PDF) - STMicroelectronics

LIC01 Datasheet PDF - STMicroelectronics
Part # LIC01
Download  LIC01 Download
File Size   143.22 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DIRECT OPERATION ON 220/240 VAC MAINS CIRCUITS

LIC01 Datasheet (PDF)

Go To PDF Page Download Datasheet
LIC01 Datasheet PDF - STMicroelectronics

Part # LIC01
Download  LIC01 Click to download

File Size   143.22 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DIRECT OPERATION ON 220/240 VAC MAINS CIRCUITS

LIC01 Datasheet (HTML) - STMicroelectronics


LIC01 Product details

DESCRIPTION
The LIC01 has been especially designed for high voltage pulse generation circuits such as light ignitors for :
• High pressure sodium lamp
• Lamp flashing circuit
• Metal Halid lamp
It uses a high performance planar diffused technology device suitable for high surge current operation in rugged environmental conditions.

FEATURES
• HIGH VOLTAGE BREAKOVER DIODE: VBO MIN = 195 or 215 V
• HIGH HOLDING CURRENT STRUCTURE : IH > 50 mA
• HIGH PEAK CURRENT PULSE CAPABILITY : ITRM = 50 A
• DIRECT OPERATION ON 220/240 VAC MAINS CIRCUITS.

BENEFITS
• SPACE SAVING THANKS TO MONOLOTHIC FUNCTION INTEGRATION
• HIGH RELIABILITY WITH PLANAR TECHNOLOGY




Similar Part No. - LIC01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIC01-195B STMICROELECTRONICS-LIC01-195B Datasheet
60Kb / 6P
LIGHT IGNITION CIRCUIT
Jun-2000
LIC01-195H STMICROELECTRONICS-LIC01-195H Datasheet
60Kb / 6P
LIGHT IGNITION CIRCUIT
Jun-2000
LIC01-215B STMICROELECTRONICS-LIC01-215B Datasheet
60Kb / 6P
LIGHT IGNITION CIRCUIT
Jun-2000
LIC01-215H STMICROELECTRONICS-LIC01-215H Datasheet
60Kb / 6P
LIGHT IGNITION CIRCUIT
Jun-2000
LIC01-SERIES STMICROELECTRONICS-LIC01-SERIES Datasheet
60Kb / 6P
LIGHT IGNITION CIRCUIT
Jun-2000
More results


Similar Description - LIC01

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8124 SEMTECH-SX8124 Datasheet
271Kb / 23P
24 hours timer synchronized on 50/60Hz mains
logo
CML Microcircuits
CMX970 CMLMICRO-CMX970 Datasheet
1Mb / 4P
Serial bus or direct control operation
logo
JILIN SINO-MICROELECTRO...
DB805D JSMC-DB805D Datasheet
216Kb / 5P
Compact fluorescent lamp (CFL) 220 V mains
logo
Schneider Electric
8910DP12V09 SCHNEIDER-8910DP12V09 Datasheet
178Kb / 2P
Contactor, Definite Purpose, 20A, 2 pole, 208/240 VAC 60 Hz 220 VAC 50 Hz coil, open
Apr 30, 2021
8910DP21V09 SCHNEIDER-8910DP21V09 Datasheet
157Kb / 2P
Contactor, Definite Purpose, 25A, 1 pole, 208/240 VAC 60 Hz 220 VAC 50 Hz coil, open
Apr 30, 2021
8910DP22V09 SCHNEIDER-8910DP22V09 Datasheet
170Kb / 2P
Contactor, Definite Purpose, 25A, 2 pole, 208/240 VAC 60 Hz 220 VAC 50 Hz coil, open
Apr 30, 2021
8910DP32V09 SCHNEIDER-8910DP32V09 Datasheet
114Kb / 2P
Contactor, Definite Purpose, 30A, 2 pole, 208/240 VAC 60 Hz 220 VAC 50 Hz coil, open
Apr 30, 2021
8501XO40XTE1V03 SCHNEIDER-8501XO40XTE1V03 Datasheet
116Kb / 2P
NEMA Control Relay, timing relay, 4 NO, one minute on delay, 220/240 VAC 50/60 Hz coil
Aug 31, 2021
8910DP31V09 SCHNEIDER-8910DP31V09_V01 Datasheet
149Kb / 2P
Contactor, Definite Purpose, 30A, 1 pole, 208/240 VAC 60 Hz 220 VAC 50 Hz coil, open
May 20, 2022
8910DP42V09 SCHNEIDER-8910DP42V09_V01 Datasheet
119Kb / 2P
Contactor, Definite Purpose, 40A, 2 pole, 208/240 VAC 60 Hz 220 VAC 50 Hz coil, open
May 20, 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com