Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIC01 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LIC01
Description  DIRECT OPERATION ON 220/240 VAC MAINS CIRCUITS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIC01 Datasheet(HTML) 3 Page - STMicroelectronics

  LIC01 Datasheet HTML 1Page - STMicroelectronics LIC01 Datasheet HTML 2Page - STMicroelectronics LIC01 Datasheet HTML 3Page - STMicroelectronics LIC01 Datasheet HTML 4Page - STMicroelectronics LIC01 Datasheet HTML 5Page - STMicroelectronics LIC01 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LIC01 Series
3/6
Symbol
Parameters
VRM
Stand-off voltage
VTM
On-state voltage
VBO
Breakover voltage
ITM
On-state current
IH
Holding current
IBO
Breakover current
IRM
Leakage current
ELECTRICAL CHARACTERISTICS
I(+)
ITM
I
I
VTM
V(-)
V
BO
RM
VRM
BO
IH
I(+)
I(-)
V(+)
Symbol
Test conditions
Value
Unit
IRM
VD =VRM 180V
Tj = 25°C
MAX
5
µA
Tj = 125°C
MAX
50
µA
VBO
IBO
LIC01-195
Tj = 25°C
MIN
195
V
MAX
230
LIC01-215
Tj = 25°C
MIN
215
V
MAX
255
IBO
VBO max.
Tj = 25°C
TYP
200
µA
MAX
500
IH
IT = 350mA
Tj = 25°C
MIN
50
mA
VTM
ITM =1A
Tj = 25°C
MAX
5
V
ELECTRICAL PARAMETERS
220V
AC
R1
R2
C
IT
D.U.T.
IT
0.1A/div
IH -
IH +
t =
2ms/div
R1 = 1k
Ω / 50W ( a 220V / 60W bulb can be used )
R2 = 22
Ω
Auxiliary network providing the complete
C2 = 220nF
firing of the LIC01 under test
}
HOLDING CURRENT TEST CIRCUIT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com