Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIC01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIC01
Description  DIRECT OPERATION ON 220/240 VAC MAINS CIRCUITS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIC01 Datasheet(HTML) 1 Page - STMicroelectronics

  LIC01 Datasheet HTML 1Page - STMicroelectronics LIC01 Datasheet HTML 2Page - STMicroelectronics LIC01 Datasheet HTML 3Page - STMicroelectronics LIC01 Datasheet HTML 4Page - STMicroelectronics LIC01 Datasheet HTML 5Page - STMicroelectronics LIC01 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
Application Specific Discretes
A.S.D.™
LIC01 Series
®
September 2000 - Ed: 7B
LIGHT IGNITION CIRCUIT
The LIC01 has been especially designed for high
voltage pulse generation circuits such as light
ignitors for :
. High pressure sodium lamp
. Lamp flashing circuit
. Metal Halid lamp
It uses a high performance planar diffused technol-
ogy device suitable for high surge current opera-
tion in rugged environmental conditions.
When the voltage across the device reaches the
breakover voltage, it decreases from an off-state
to low voltage on-state condition. When the current
through the circuit drops below the holding current
IH , the device comes back to the off-state.
DESCRIPTION
MT 1
MT 2
A C
SWITCH
DRIVER
VOLTAGE
TRIGGER
LIC01
1
SYMBOL
3
Pin 1 = MT1
DO NOT CONNECT TAB
Pin 3 = MT2
DO NOT CONNECT Pin 2
FUNCTIONAL DIAGRAM
DPAK
s
HIGH VOLTAGE BREAKOVER DIODE:
VBO MIN = 195 or 215 V
s
HIGH HOLDING CURRENT STRUCTURE :
IH >50 mA
s
HIGH PEAK CURRENT PULSE CAPABILITY :
ITRM =50A
s
DIRECT OPERATION ON 220/240 VAC MAINS
CIRCUITS
FEATURES
TAB
1
2
3
DEVICE TYPE
BREAKDOWN VOLTAGE
RANGE
LIC01-195
VBO min: 195V
VBO max: 230V
LIC01-215
VBO min: 215V
VBO max: 255V
IPAK
1
2
3
TAB
s
SPACE SAVING THANKS TO MONOLOTHIC
FUNCTION INTEGRATION
s
HIGH
RELIABILITY
WITH
PLANAR
TECHNOLOGY
BENEFITS


Similar Part No. - LIC01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIC01-195B STMICROELECTRONICS-LIC01-195B Datasheet
60Kb / 6P
LIGHT IGNITION CIRCUIT
Jun-2000
LIC01-195H STMICROELECTRONICS-LIC01-195H Datasheet
60Kb / 6P
LIGHT IGNITION CIRCUIT
Jun-2000
LIC01-215B STMICROELECTRONICS-LIC01-215B Datasheet
60Kb / 6P
LIGHT IGNITION CIRCUIT
Jun-2000
LIC01-215H STMICROELECTRONICS-LIC01-215H Datasheet
60Kb / 6P
LIGHT IGNITION CIRCUIT
Jun-2000
LIC01-SERIES STMICROELECTRONICS-LIC01-SERIES Datasheet
60Kb / 6P
LIGHT IGNITION CIRCUIT
Jun-2000
More results

Similar Description - LIC01

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8124 SEMTECH-SX8124 Datasheet
271Kb / 23P
24 hours timer synchronized on 50/60Hz mains
logo
CML Microcircuits
CMX970 CMLMICRO-CMX970 Datasheet
1Mb / 4P
Serial bus or direct control operation
logo
JILIN SINO-MICROELECTRO...
DB805D JSMC-DB805D Datasheet
216Kb / 5P
Compact fluorescent lamp (CFL) 220 V mains
logo
Schneider Electric
8910DP12V09 SCHNEIDER-8910DP12V09 Datasheet
178Kb / 2P
Contactor, Definite Purpose, 20A, 2 pole, 208/240 VAC 60 Hz 220 VAC 50 Hz coil, open
Apr 30, 2021
8910DP21V09 SCHNEIDER-8910DP21V09 Datasheet
157Kb / 2P
Contactor, Definite Purpose, 25A, 1 pole, 208/240 VAC 60 Hz 220 VAC 50 Hz coil, open
Apr 30, 2021
8910DP22V09 SCHNEIDER-8910DP22V09 Datasheet
170Kb / 2P
Contactor, Definite Purpose, 25A, 2 pole, 208/240 VAC 60 Hz 220 VAC 50 Hz coil, open
Apr 30, 2021
8910DP32V09 SCHNEIDER-8910DP32V09 Datasheet
114Kb / 2P
Contactor, Definite Purpose, 30A, 2 pole, 208/240 VAC 60 Hz 220 VAC 50 Hz coil, open
Apr 30, 2021
8501XO40XTE1V03 SCHNEIDER-8501XO40XTE1V03 Datasheet
116Kb / 2P
NEMA Control Relay, timing relay, 4 NO, one minute on delay, 220/240 VAC 50/60 Hz coil
Aug 31, 2021
8910DP31V09 SCHNEIDER-8910DP31V09_V01 Datasheet
149Kb / 2P
Contactor, Definite Purpose, 30A, 1 pole, 208/240 VAC 60 Hz 220 VAC 50 Hz coil, open
May 20, 2022
8910DP42V09 SCHNEIDER-8910DP42V09_V01 Datasheet
119Kb / 2P
Contactor, Definite Purpose, 40A, 2 pole, 208/240 VAC 60 Hz 220 VAC 50 Hz coil, open
May 20, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com