Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIC01 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LIC01
Description  DIRECT OPERATION ON 220/240 VAC MAINS CIRCUITS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIC01 Datasheet(HTML) 2 Page - STMicroelectronics

  LIC01 Datasheet HTML 1Page - STMicroelectronics LIC01 Datasheet HTML 2Page - STMicroelectronics LIC01 Datasheet HTML 3Page - STMicroelectronics LIC01 Datasheet HTML 4Page - STMicroelectronics LIC01 Datasheet HTML 5Page - STMicroelectronics LIC01 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LIC01 Series
2/6
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient
100
°C/W
Rth(j-c)
Junction to case
3.5
°C/W
THERMAL RESISTANCE
LIC
01
215
H
-
LIGHT IGNITION CIRCUIT
PACKAGE: H = IPAK
B = DPAK
CIRCUIT FAMILY:
01: I
= 20A CIRCUIT
TRM
215: V
215V
195: V
195V
BO min =
BO min =
ORDERING INFORMATION
Symbol
Parameter
Value
Unit
ITRM
Repetitive surge peak on state current
tp=10
µs
( note 1)
±50
A
IT(RMS)
RMS on state current
Tamb = 90°C
1.2
A
di/dt
Critical rate of rise on state current
80
A/
µs
VDRM /VRRM
Repetitive peak off state voltage
Tj = 125°C
180
V
Tstg
Storage junction temperature range
-40to+125
°C
Tj
Operating junction temperature range
-20 to 125
°C
TL
Maximum lead temperature for soldering during 10s
260
°C
Note 1 : Test current waveform
ABSOLUTE RATINGS (limiting values)
10ms
10µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com