Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIC01 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LIC01
Description  DIRECT OPERATION ON 220/240 VAC MAINS CIRCUITS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIC01 Datasheet(HTML) 4 Page - STMicroelectronics

  LIC01 Datasheet HTML 1Page - STMicroelectronics LIC01 Datasheet HTML 2Page - STMicroelectronics LIC01 Datasheet HTML 3Page - STMicroelectronics LIC01 Datasheet HTML 4Page - STMicroelectronics LIC01 Datasheet HTML 5Page - STMicroelectronics LIC01 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LIC01 Series
4/6
0°C
20°C
100°C
220
Junction Temperature Tj ( °C )
230
210
200
240
190
180
250
VBO Max
VBO Min
VBO Typ
VBO (V )
60°C
80°C
40°C
120°C
-20°C
α=
t
0.22 V / °C
LIC-195
VARIATION OF VBO VERSUS JUNCTION TEMPERATURE
TYPICAL APPLICATION
When the peak voltage across C1 reaches the
break over voltage VBO of the LIC01, this device
turns on and produces a pulse of current through
the primary of the transformer. In turn, the trans-
former generates high voltage pulses across the
lamp.
0°C
20°C
100°C
240
Junction Temperature Tj ( °C )
250
230
220
260
210
200
270
VBO Max
VBO Min
VBO Typ
VBO (V )
60°C
80°C
40°C
120°C
-20°C
α=
t
0.22 V / °C
280
LIC-215
VARIATION OF VBO VERSUS JUNCTION TEMPERATURE
BALLAST
MAINS
LIC01
R
C1
C2
Vpeak



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com