Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIC01 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LIC01
Description  DIRECT OPERATION ON 220/240 VAC MAINS CIRCUITS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIC01 Datasheet(HTML) 5 Page - STMicroelectronics

  LIC01 Datasheet HTML 1Page - STMicroelectronics LIC01 Datasheet HTML 2Page - STMicroelectronics LIC01 Datasheet HTML 3Page - STMicroelectronics LIC01 Datasheet HTML 4Page - STMicroelectronics LIC01 Datasheet HTML 5Page - STMicroelectronics LIC01 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LIC01 Series
5/6
PACKAGE MECHANICAL DATA
DPAK (Plastic)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max
Min.
Typ. Max.
A
2.20
2.40 0.086
0.094
A1
0.90
1.10 0.035
0.043
A2
0.03
0.23 0.001
0.009
B
0.64
0.90 0.025
0.035
B2
5.20
5.40 0.204
0.212
C
0.45
0.60 0.017
0.023
C2
0.48
0.60 0.018
0.023
D
6.00
6.20 0.236
0.244
E
6.40
6.60 0.251
0.259
G
4.40
4.60 0.173
0.181
H
9.35
10.10 0.368
0.397
L2
0.80
0.031
L4
0.60
1.00 0.023
0.039
V2
0°
8°
0°
8°
6.7
6.7
3
3
1.6
1.6
2.3
2.3
FOOT PRINT DIMENSIONS (in millimeters)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com