Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8773 Datasheet (PDF) - Wolfson Microelectronics plc

WM8773 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8773
Download  WM8773 Download
File Size   213.52 Kbytes
Page   29 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit, 96kHz ADC with 8 Channel I/P Multiplexer

WM8773 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8773 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8773
Download  WM8773 Click to download

File Size   213.52 Kbytes
Page   29 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit, 96kHz ADC with 8 Channel I/P Multiplexer

WM8773 Datasheet (HTML) - Wolfson Microelectronics plc


WM8773 Product details

DESCRIPTION
The WM8773 is a high performance, stereo audio ADC with an 8 channel input selector. The WM8773 is ideal for digitising multiple analogue sources for surround sound processing applications for home hi-fi, automotive and other audio visual equipment.
A stereo 24-bit multi-bit sigma delta ADC is used with an eight stereo channel input selector. Each channel has analogue domain mute and programmable gain control. Digital audio output word lengths from 16-32 bits and sampling rates from 8kHz to 96kHz are supported.

FEATURES
• Audio Performance
    − 102dB SNR (‘A’ weighted @ 48kHz) ADC
• ADC Sampling Frequency: 8kHz – 96kHz
• 3-Wire SPI MPU Serial Control Interface
• Master or Slave Clocking Mode
• Programmable Audio Data Interface Modes
    − I2S, Left, Right Justified or DSP
    − 16/20/24/32 bit Word Lengths
• Analogue Record Monitor Outputs
• Eight stereo ADC inputs with analogue gain adjust from +19dB to –12dB in 1dB steps
• 2.7V to 5.5V Analogue, 2.7V to 3.6V Digital supply Operation
• 5V tolerant digital inputs

APPLICATIONS
• Surround Sound AV Processors and Hi-Fi systems
• Automotive Audio




Similar Part No. - WM8773

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8770 WOLFSON-WM8770 Datasheet
564Kb / 52P
24-bit, 192kHz 8-Channel Codec with Volume Control
WM8770SIFT WOLFSON-WM8770SIFT Datasheet
564Kb / 52P
24-bit, 192kHz 8-Channel Codec with Volume Control
WM8770SIFV WOLFSON-WM8770SIFV Datasheet
564Kb / 52P
24-bit, 192kHz 8-Channel Codec with Volume Control
WM8771 WOLFSON-WM8771 Datasheet
339Kb / 44P
24-bit, 192kHz 8-Channel Codec
WM8771FT WOLFSON-WM8771FT Datasheet
339Kb / 44P
24-bit, 192kHz 8-Channel Codec
More results


Similar Description - WM8773

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5384 AKM-AK5384 Datasheet
238Kb / 21P
107 DB 24 BIT 96KHZ 4 CHANNEL ADC
logo
Wolfson Microelectronic...
WM8775 WOLFSON-WM8775 Datasheet
348Kb / 36P
24 BIT 96 KHZ ADC WITH 4 CHANNEL I/P MULTIPLEXER
logo
Asahi Kasei Microsystem...
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
96kHz 24-Bit ?誇 ADC
logo
Wolfson Microelectronic...
WM8775 WOLFSON-WM8775_06 Datasheet
395Kb / 39P
24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
logo
Asahi Kasei Microsystem...
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
96kHz 24-Bit ?誇 ADC
AK5720VT AKM-AK5720VT Datasheet
823Kb / 25P
96kHz 24-Bit ?꾬걪 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
96kHz 24-Bit ?誇 ADC
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
96kHz 24-Bit ADC
logo
Cirrus Logic
WM8775 CIRRUS-WM8775 Datasheet
350Kb / 39P
24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com