Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8773 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8773
Description  24-bit, 96kHz ADC with 8 Channel I/P Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8773 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8773 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
WM8773
Product Preview
PP Rev 1.0 June 2002
4
PIN
NAME
TYPE
DESCRIPTION
50
NC
No connection
51
NC
No connection
52
DOUT
Digital output
ADC data output
53
NC
No connection
54
NC
No connection
55
NC
No connection
56
NC
No connection
57
NC
No connection
58
ADCLRC
Digital input/output
ADC left/right word clock
59
BCLK
Digital input/output
ADC audio interface bit clock
60
MCLK
Digital input
Master ADC clock; 256, 384, 512 or 768fs (fs = word clock frequency)
61
CL
Digital input
Serial interface clock (5V tolerant)
62
DI
Digital input
Serial interface data (5V tolerant)
63
CE
Digital input
Serial interface Latch signal (5V tolerant)
64
RESETB
Digital input
Device reset input (resets gain stages to 0dB)
(5V tolerant)
Note : Digital input pins have Schmitt trigger input buffers and are 5V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com