Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8773 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8773
Description  24-bit, 96kHz ADC with 8 Channel I/P Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8773 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8773 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
WM8773
Product Preview
PP Rev 1.0 June 2002
24
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4:0
RAG[4:0]
01100
(0dB)
Attenuation data for right channel ADC gain in 1dB steps
5
MUTE
0
Mute for Right channel ADC:
0: Mute off
1: Mute on
11010
Attenuation
ADCR
6
LRBOTH
0
Setting LRBOTH will write the same gain value to RAG[4:0] and
LAG[4:0]
2:0
LMX[2:0]
000
ADC left channel input mux control bits
6:4
RMX[2:0]
000
ADC right channel input mux control bits
11011
ADC mux
control
8
AINPD
1
Input mux and buffer powerdown
0: Input mux and buffer enabled
1: Input mux and buffer powered down
11111
Software reset
[8:0]
RESET
Not reset
Writing to this register will apply a reset to the device registers.
Table 10 Register Map Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com