Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8773 Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8773
Description  24-bit, 96kHz ADC with 8 Channel I/P Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8773 Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8773 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Product Preview
WM8773
PP Rev 1.0 June 2002
15
The ADC data may also be output in DSP early or late modes, with ADCLRC used as a frame sync
to identify the MSB of the first word. The minimum number of BCLKs per ADCLRC period is 2 times
the selected word length
LEFT JUSTIFIED MODE
In left justified mode, the MSB of the ADC data is output on DOUT and changes on the same falling
edge of BCLK as ADCLRC and may be sampled on the rising edge of BCLK. ADCLRC is high
during the left samples and low during the right samples (Figure 9).
LEFT CHANNEL
RIGHT CHANNEL
ADCLRC
BCLK
DOUT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
Figure 9 Left Justified Mode TIming Diagram
RIGHT JUSTIFIED MODE
In right justified mode, the LSB of the ADC data is output on DOUT and changes on the
falling edge of BCLK preceding an ADCLRC transition and may be sampled on the rising
edge of BCLK. ADCLRC is high during the left samples and low during the right samples).
LEFT CHANNEL
RIGHT CHANNEL
ADCLRC
BCLK
DOUT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
Figure 10 Right Justified Mode TIming Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com