Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8773 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8773
Description  24-bit, 96kHz ADC with 8 Channel I/P Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8773 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8773 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
WM8773
Product Preview
PP Rev 1.0 June 2002
22
SOFTWARE REGISTER RESET
Writing to register 11111 will cause a register reset, resetting all register bits to their default
values.
REGISTER MAP
The complete register map is shown below. The detailed description can be found in the relevant text of the device description. The
WM8773 can be configured using the Control Interface. All unused bits should be set to ‘0’.
REGISTER
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
R20(14h)
0
0
1
0
1
0
0
x
x
x
RECEN
x
x
x
x
x
000000000
R22(16h)
0
0
1
0
1
1
0
ADCHPD
x
x
WL[1:0]
BCP
LRP
FMT[1:0]
000100010
R23(17h)
0
0
1
0
1
1
1
MS
x
x
x
x
ADCOSR
ADCRATE[2:0]
000010010
R24(18h)
0
0
1
1
0
0
0
x
x
x
x
x
x
x
ADCD
PWDN
000111110
R25(19h)
0
0
1
1
0
0
1
x
ADCMUTE
LRBOT
H
MUTE
LAG[4:0]
000001100
R26(1Ah)
0
0
1
1
0
1
0
x
x
LRBOT
H
MUTE
RAG[4:0]
000001100
R27(1Bh)
0
0
1
1
0
1
1
AINPD
x
RMX[2:0]
x
LMX[2:0]
100000000
R31(1Fh)
0
0
1
1
1
1
1
RESET
not reset
ADDRESS
DATA
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com