Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8773 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8773
Description  24-bit, 96kHz ADC with 8 Channel I/P Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8773 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8773 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
WM8773
Product Preview
PP Rev 1.0 June 2002
10
BCLK
ADCLRC
t
BCH
t
BCL
t
BCY
DOUT
t
DD
Figure 5 Digital Audio Data Timing – Slave Mode
Test Conditions
AVDD = 5V, DVDD = 3.3V, AGND = 0V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 256fs unless otherwise
stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCLK cycle time
tBCY
50
ns
BCLK pulse width high
tBCH
20
ns
BCLK pulse width low
tBCL
20
ns
DOUT propagation delay
from BCLK falling edge
tDD
0
10
ns
Table 3 Digital Audio Data Timing – Slave Mode
Note:
1.
ADCLRC should be synchronous with MCLK, although the WM8773 interface is tolerant of phase variations or jitter on
these signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com