Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8773 Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8773
Description  24-bit, 96kHz ADC with 8 Channel I/P Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8773 Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8773 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
WM8773
Product Preview
PP Rev 1.0 June 2002
14
BCLK
DOUT
ADCLRC
WM8773
CODEC
DSP
ENCODER/
DECODER
Figure 7 Slave Mode
In Master mode (MS=1) ADCLRC and BCLK are outputs from the WM8773 (Figure 8). ADCLRC and
BITCLK are generated by the WM8773. ADCDAT is output on DOUT and changes on the falling
edge of BCLK. By setting control bit BCLKINV the polarity of BCLK may be reversed so that DOUT
changes on the rising edge of BCLK.
BCLK
DOUT
ADCLRC
WM8773
ADC
DSP/
ENCODER/
DECODER
Figure 8 Master Mode
AUDIO INTERFACE FORMATS
Audio data is output from the ADC filters, via the Digital Audio Interface. 5 popular interface formats
are supported:
•
Left Justified mode
•
Right Justified mode
•
I
2S mode
•
DSP Early mode
•
DSP Late mode
All 5 formats send the MSB first and support word lengths of 16, 20, 24 and 32 bits, with the
exception of 32 bit right justified mode, which is not supported.
In left justified, right justified and I
2S modes, the digital audio interface outputs ADC data on DOUT.
Audio Data for each stereo channel is time multiplexed with ADCLRC indicating whether the left or
right channel is present. ADCLRC is also used as a timing reference to indicate the beginning or end
of the data words.
In left justified, right justified and I
2S modes, the minimum number of BCLKs per ADCLRC period is 2
times the selected word length. ADCLRC must be high for a minimum of word length BCLKs and
low for a minimum of word length BCLKs. Any mark to space ratio on ADCLRC is acceptable
provided the above requirements are met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com