Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8773 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8773
Description  24-bit, 96kHz ADC with 8 Channel I/P Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8773 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8773 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
WM8773
Product Preview
PP Rev 1.0 June 2002
6
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital supply range
DVDD
2.7
3.6
V
Analogue supply range
AVDD
2.7
5.5
V
Ground
AGND, DGND
0
V
Difference DGND to AGND
-0.3
0
+0.3
V
Note: Digital supply DVDD must never be more than 0.3V greater than AVDD.
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD = 5V, DVDD = 3.3V, AGND = 0V, DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Logic Levels (TTL Levels)
Input LOW level
VIL
0.8
V
Input HIGH level
VIH
2.0
V
Output LOW
VOL
I
OL=1mA
0.1 x DVDD
V
Output HIGH
VOH
I
OH-1mA
0.9 x DVDD
V
Analogue Reference Levels
Reference voltage
VVMID
AVDD/2 –
50mV
AVDD/2
AVDD/2 +
50mV
V
Potential divider resistance
RVMID
AVDD to VMIDADC
and VMIDADC to
AGND
40k
50k
60k
Ohms
ADC Performance
Input Signal Level (0dB)
1.0 x
AVDD/5
Vrms
SNR (Note 1,2)
A-weighted, 0dB gain
@ fs = 48kHz
93
102
dB
SNR (Note 1,2)
A-weighted, 0dB gain
@ fs = 96kHz
98
dB
Dynamic Range (note 2)
A-weighted, -60dB
full scale input
102
dB
kHz, 0dBFs
-90
-80
dB
Total Harmonic Distortion (THD)
1kHz, -3dBFs
-95
-85
dB
ADC Channel Separation
1kHz Input
90
dB
Programmable Gain Step Size
0.5
1.0
1.5
dB
Programmable Gain Range
1kHz Input
-12
+19
dB
Mute Attenuation
1kHz Input, 0dB gain
97
dB
1kHz 100mVpp
50
dB
Power Supply Rejection Ratio
PSRR
20Hz to 20kHz
100mVpp
45
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com