Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8773 Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8773
Description  24-bit, 96kHz ADC with 8 Channel I/P Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8773 Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8773 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
WM8773
Product Preview
PP Rev 1.0 June 2002
20
POWERDOWN MODE AND ADC DISABLE
Setting the PDWN register bit immediately powers down the WM8773, including the references,
overriding all other powerdown control bits. All trace of the previous input samples are removed, but
all control register settings are preserved. When PDWN is cleared the digital filters will be
reinitialised. It is recommended that the 8-channel input mux and buffer, and ADC are powered down
before setting PDWN.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
11000
Powerdown Control
0
PDWN
0
Power Down Mode Select:
0 : Normal Mode
1: Power Down Mode
The ADC may also be powered down by setting the ADCD disable bit. Setting ADCD will disable the
ADC and select a low power mode. The ADC digital filters will be reset and will reinitialise when
ADCD is reset.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
11000
ADC Powerdown Control
1
ADCD
1
ADC Disable:
0 : Normal Mode
1: Power Down Mode
ADC GAIN CONTROL
Control bits LAG[4:0] and RAG[4:0] control the ADC input gain, allowing the user to attenuate the
ADC input signal to match the full-scale range of the ADC. The gain is independently adjustable on
left and right inputs. Left and right inputs may also be independently muted. The LRBOTH control bit
allows the user to write the same attenuation value to both left and right volume control registers. The
ADC volume and mute also applies to the bypass signal path.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4:0
LAG[4:0]
01100
(0dB)
Attenuation data for Left channel ADC gain in 1dB steps. See Table
8
5
MUTE
0
Mute for Left channel ADC:
0: Mute off
1: Mute on
11001
Attenuation
ADCL
6
LRBOTH
0
Setting LRBOTH will write the same gain value to LAG[4:0] and
RAG[4:0]
4:0
RAG[4:0]
01100
(0dB)
Attenuation data for right channel ADC gain in 1dB steps. See Table
8
5
MUTE
0
Mute for Right channel ADC:
0: Mute off
1: Mute on
11010
Attenuation
ADCR
6
LRBOTH
0
Setting LRBOTH will write the same gain value to RAG[4:0] and
LAG[4:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com