Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8773 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8773
Description  24-bit, 96kHz ADC with 8 Channel I/P Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8773 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8773 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
WM8773
Product Preview
PP Rev 1.0 June 2002
18
CONTROL INTERFACE REGISTERS
DIGITAL AUDIO INTERFACE CONTROL REGISTER
Interface format is selected via the FMT[1:0] register bits:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10110
Interface Control
1:0
FMT[1:0]
10
Interface format Select
00 : right justified mode
01: left justified mode
10: I
2S mode
11: DSP (early or late) mode
In left justified, right justified or I
2S modes, the LRP register bit controls the polarity of ADCLRC. If
this bit is set high, the expected polarity of ADCLRC will be the opposite of that shown Figure 9, and.
Note that if this feature is used as a means of swapping the left and right channels, a 1 sample
phase difference will be introduced. In DSP modes, the LRP register bit is used to select between
early and late modes.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
In left/right/I
2S modes:
ADCLRC Polarity (normal)
0 : normal ADCLRC polarity
1: inverted ADCLRC polarity
10110
Interface Control
2
LRP
0
In DSP mode:
0 : Early DSP mode
1: Late DSP mode
By default, ADCLRC is sampled on the rising edge of BCLK and should ideally change on the falling
edge. Data sources that change ADCLRC on the rising edge of BCLK can be supported by setting
the BCP register bit. Setting BCP to 1 inverts the polarity of BCLK to the inverse of that shown in
Figure 9, Figure 10, Figure 11, Figure 12, and Figure 13.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10110
Interface Control
3
BCP
0
BCLK Polarity (DSP modes)
0 : normal BCLK polarity
1: inverted BCLK polarity
The WL[1:0] bits are used to control the word length.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10110
Interface Control
5:4
WL[1:0]
10
Word Length
00 : 16 bit data
01: 20 bit data
10: 24 bit data
11: 32 bit data
Note:
1.
If 32-bit mode is selected in right justified mode, the WM8773 defaults to 24 bits.
2.
In 24 bit I
2S mode, any width of 24 bits or less is supported provided that ADCLRC is high for a
minimum of 24 BCLKs and low for a minimum of 24 BCLKs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com