Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8773 Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8773
Description  24-bit, 96kHz ADC with 8 Channel I/P Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8773 Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8773 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Product Preview
WM8773
PP Rev 1.0 June 2002
19
Control bit MS selects between audio interface Master and Slave Modes. In Master mode ADCLRC
and BCLK are outputs and are generated by the WM8773. In Slave mode ADCLRC and BCLK are
inputs to WM8773.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10111
Interface Control
8
MS
0
Audio Interface Master/Slave Mode
select:
0 : Slave Mode
1: Master Mode
MASTER MODE ADCLRC FREQUENCY SELECT
In Master mode the WM8773 generates ADCLRC and BCLK. These clocks are derived from master
clock and the ratio of MCLK to ADCLRC and are set by ADCRATE.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0111 ADCLRC frequency
select
2:0
ADCRATE[2:0]
010
Master Mode MCLK:ADCLRC
ratio select:
010: 256fs
011: 384fs
100: 512fs
101: 768fs
ADC OVERSAMPLING RATE SELECT
For ADC operation at 96kHz it is recommended that the user set the ADCOSR bit. This changes the
ADC signal processing oversample rate to 64fs.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10111
ADC Oversampling Rate
3
ADCOSR
0
ADC oversampling rate select
0: 128x oversampling
1: 64x oversampling
MUTE MODES
Each ADC channel has an individual mute control bit, which mutes the input to the ADC. In addition
both channels may be muted by setting ADCMUTE.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
11001
ADC Mute
7
ADCMUTE
0
ADC MUTE Left and Right
0 : Normal Operation
1: mute ADC left and ADC
right
11001
ADC Mute Left
5
MUTE
0
ADC Mute select
0 : Normal Operation
1: mute ADC left
11010
ADC Mute Right
5
MUTE
0
ADC Mute select
0 : Normal Operation
1: mute ADC right
The Record outputs may be enabled by setting RECEN, where RECEN enables the RECL and
RECR outputs.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10100
REC Enable
5
RECEN
0
REC Output Enable
0 : REC output muted
1: REC output enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com