Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8773 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8773
Description  24-bit, 96kHz ADC with 8 Channel I/P Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8773 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8773 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
WM8773
Product Preview
PP Rev 1.0 June 2002
16
I
2S MODE
In I
2S mode, the MSB of the ADC data is output on DOUT and changes on the first falling edge of
BCLK following an ADCLRC transition and may be sampled on the rising edge of BCLK. ADCLRC is
low during the left samples and high during the right samples.
LEFT CHANNEL
RIGHT CHANNEL
ADCLRC
BCLK
DOUT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
1 BCLK
1 BCLK
Figure 11 I
2S Mode TIming Diagram
DSP EARLY MODE
The MSB of the left channel ADC data is output on DOUT and changes on the first falling edge of
BCLK following a low to high ADCLRC transition and may be sampled on the rising edge of BCLK.
The right channel ADC data is contiguous with the left channel data (Figure 12)
ADCLRC
BCK
DOUT
Word Length (WL)
1/fs
LEFT CHANNEL
n
2
1
n-1
LSB
MSB
n
2
1
n-1
RIGHT CHANNEL
NO VALID DATA
1 BCLK
1 BCLK
Figure 12 DSP Early Mode Timing Diagram – ADC Data Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com