Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS412T Datasheet (PDF) - Microchip Technology

HCS412T Datasheet PDF - Microchip Technology
Part # HCS412T
Download  HCS412T Download
File Size   704.91 Kbytes
Page   44 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description KEELOQ Code Hopping Encoder and Transponder

HCS412T Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS412T Datasheet PDF - Microchip Technology

Part # HCS412T
Download  HCS412T Click to download

File Size   704.91 Kbytes
Page   44 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description KEELOQ Code Hopping Encoder and Transponder

HCS412T Datasheet (HTML) - Microchip Technology


HCS412T Product details

GENERAL DESCRIPTION

The HCS412 combines patented KEELOQ code hopping technology with bi-directional transponder challenge-and-response security into a single chip solution for logical and physical access control.

When used as a code hopping encoder, the HCS412 is ideally suited to keyless entry systems; vehicle and garage door access in particular. The same HCS412 can also be used as a secure bi-directional transponder for contactless token verification. These capabilities make the HCS412 ideal for combined secure access control and identification applications, dramatically reducing the cost of hybrid transmitter/transponder solutions.



FEATURES

Security

• Programmable 64-bit encoder crypt key

• Two 64-bit IFF keys

• Keys are read protected

• 32-bit bi-directional challenge and response using one of two possible keys

• 69-bit transmission length

• 32-bit hopping code,

• 37-bit nonencrypted portion

• Programmable 28/32-bit serial number

• 60-bit, read protected seed for secure learning

• Two IFF encryption algorithms

• Delayed counter increment mechanism

• Asynchronous transponder communication

• Transmissions include button Queuing information



Operating

• 2.0V to 6.3V operation

• Three switch inputs: S2, S1, S0 – seven functions

• Battery-less bi-directional transponder capability

• Selectable baud rate and code word blanking

• Automatic code word completion

• Battery low detector

• PWM or Manchester data encoding

• Combined transmitter, transponder operation

• Anticollision of multiple transponders

• Passive proximity activation

• Device protected against reverse battery

• Intelligent damping for high Q LC-circuits

• 100 mVPP sensitive LC input



Typical Applications

• Automotive remote entry systems

• Automotive alarm systems

• Automotive immobilizers

• Gate and garage openers

• Electronic door locks (Home/Office/Hotel)

• Burglar alarm systems

• Proximity access control



Other

• Simple programming interface

• On-chip tunable RC oscillator, ± 10%

• On-chip EEPROM

• 64-bit user EEPROM in Transponder mode

• Battery-low LED indication

• Serialized Quick Turn Programming (SQTPSM)

• 8-pin PDIP/SOIC

• RF Enable output

• ASK and FSK PLL interface option

• Built in LC input amplifier



 




Similar Part No. - HCS412T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS412 MICROCHIP-HCS412 Datasheet
395Kb / 28P
Memory Programming Specification
2004
HCS412 MICROCHIP-HCS412 Datasheet
1Mb / 52P
KEELOQ짰 Code Hopping Encoder and Transponder Burglar alarm systems
2011
HCS412 MICROCHIP-HCS412_11 Datasheet
1Mb / 52P
KEELOQ짰 Code Hopping Encoder and Transponder Burglar alarm systems
2011
More results


Similar Description - HCS412T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS200 MICROCHIP-HCS200 Datasheet
150Kb / 16P
KEELOQ CODE HOPPING ENCODER
1996
HCS301 MICROCHIP-HCS301 Datasheet
168Kb / 20P
KEELOQ CODE HOPPING ENCODER
1996
HCS360 MICROCHIP-HCS360 Datasheet
211Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996-1997
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996 - 1997
HCS410 MICROCHIP-HCS410 Datasheet
259Kb / 36P
KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
1997 - 1998
HCS201 MICROCHIP-HCS201 Datasheet
383Kb / 28P
KEELOQ Code Hopping Encoder
2001
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
KEELOQ Code Hopping Encoder
2001
HCS370 MICROCHIP-HCS370 Datasheet
518Kb / 36P
KEELOQ Code Hopping Encoder
2002
HCS365 MICROCHIP-HCS365 Datasheet
463Kb / 34P
KEELOQ Code Hopping Encoder
2002
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
KEELOQ Code Hopping Encoder
01/18/02
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com