Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS412T Datasheet(PDF) 1 Page - Microchip Technology

Part # HCS412T
Description  KEELOQ Code Hopping Encoder and Transponder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS412T Datasheet(HTML) 1 Page - Microchip Technology

  HCS412T Datasheet HTML 1Page - Microchip Technology HCS412T Datasheet HTML 2Page - Microchip Technology HCS412T Datasheet HTML 3Page - Microchip Technology HCS412T Datasheet HTML 4Page - Microchip Technology HCS412T Datasheet HTML 5Page - Microchip Technology HCS412T Datasheet HTML 6Page - Microchip Technology HCS412T Datasheet HTML 7Page - Microchip Technology HCS412T Datasheet HTML 8Page - Microchip Technology HCS412T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS41099C-page 1
FEATURES
Security
• Programmable 64-bit encoder crypt key
• Two 64-bit IFF keys
• Keys are read protected
• 32-bit bi-directional challenge and response using
one of two possible keys
• 69-bit transmission length
• 32-bit hopping code,
• 37-bit nonencrypted portion
• Programmable 28/32-bit serial number
• 60-bit, read protected seed for secure learning
• Two IFF encryption algorithms
• Delayed counter increment mechanism
• Asynchronous transponder communication
• Transmissions include button Queuing
information
Operating
• 2.0V to 6.3V operation
• Three switch inputs: S2, S1, S0 – seven functions
• Battery-less bi-directional transponder capability
• Selectable baud rate and code word blanking
• Automatic code word completion
• Battery low detector
• PWM or Manchester data encoding
• Combined transmitter, transponder operation
• Anticollision of multiple transponders
• Passive proximity activation
• Device protected against reverse battery
• Intelligent damping for high Q LC-circuits
• 100 mVPP sensitive LC input
Typical Applications
• Automotive remote entry systems
• Automotive alarm systems
• Automotive immobilizers
• Gate and garage openers
• Electronic door locks (Home/Office/Hotel)
• Burglar alarm systems
• Proximity access control
PACKAGE TYPES
BLOCK DIAGRAM
Other
• Simple programming interface
• On-chip tunable RC oscillator, ± 10%
• On-chip EEPROM
• 64-bit user EEPROM in Transponder mode
• Battery-low LED indication
• Serialized Quick Turn Programming (SQTP
SM )
• 8-pin PDIP/SOIC
• RF Enable output
• ASK and FSK PLL interface option
• Built in LC input amplifier
S0
S1
S2/RFEN/LC1
LC0
VDD
LED
DATA
GND
18
2
3
4
7
6
5
PDIP, SOIC
Oscillator
Configuration Register
Power
Control
Wake-up
Logic
Address
Decoding
EEPROM
Debounce
Control
and
Queuer
LED
Control
DATA
Driver
PPM
Detector
DATA
PPM
Manch.
Encoder
VDD
S0
S1
LED
LC0
DATA
RFEN/S2/LC1
HCS412
KEELOQ® Code Hopping Encoder and Transponder


Similar Part No. - HCS412T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS412 MICROCHIP-HCS412 Datasheet
395Kb / 28P
Memory Programming Specification
2004
HCS412 MICROCHIP-HCS412 Datasheet
1Mb / 52P
KEELOQ짰 Code Hopping Encoder and Transponder Burglar alarm systems
2011
HCS412 MICROCHIP-HCS412_11 Datasheet
1Mb / 52P
KEELOQ짰 Code Hopping Encoder and Transponder Burglar alarm systems
2011
More results

Similar Description - HCS412T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS200 MICROCHIP-HCS200 Datasheet
150Kb / 16P
KEELOQ CODE HOPPING ENCODER
1996
HCS301 MICROCHIP-HCS301 Datasheet
168Kb / 20P
KEELOQ CODE HOPPING ENCODER
1996
HCS360 MICROCHIP-HCS360 Datasheet
211Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996-1997
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996 - 1997
HCS410 MICROCHIP-HCS410 Datasheet
259Kb / 36P
KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
1997 - 1998
HCS201 MICROCHIP-HCS201 Datasheet
383Kb / 28P
KEELOQ Code Hopping Encoder
2001
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
KEELOQ Code Hopping Encoder
2001
HCS370 MICROCHIP-HCS370 Datasheet
518Kb / 36P
KEELOQ Code Hopping Encoder
2002
HCS365 MICROCHIP-HCS365 Datasheet
463Kb / 34P
KEELOQ Code Hopping Encoder
2002
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
KEELOQ Code Hopping Encoder
01/18/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com