Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS412T Datasheet(PDF) 14 Page - Microchip Technology

Part # HCS412T
Description  KEELOQ Code Hopping Encoder and Transponder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS412T Datasheet(HTML) 14 Page - Microchip Technology

Back Button HCS412T Datasheet HTML 10Page - Microchip Technology HCS412T Datasheet HTML 11Page - Microchip Technology HCS412T Datasheet HTML 12Page - Microchip Technology HCS412T Datasheet HTML 13Page - Microchip Technology HCS412T Datasheet HTML 14Page - Microchip Technology HCS412T Datasheet HTML 15Page - Microchip Technology HCS412T Datasheet HTML 16Page - Microchip Technology HCS412T Datasheet HTML 17Page - Microchip Technology HCS412T Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
HCS412
DS41099C-page 14
Preliminary
© 2002 Microchip Technology Inc.
The Code Word Blanking Enable (CWBE) option may
be used to reduce the average power of a transmission
by transmitting only every second or every fourth code
word
(Figure 3-7).
This
selectable
feature
is
determined in conjunction with the baud rate selection
bit RFBSL (Table 3-7).
Enabling the CWBE option may similarly allow the user
to transmit a higher amplitude transmission as the time
averaged power is reduced. CWBE effectively halves
the RF on-time for a given transmission so the RF out-
put power could theoretically be doubled while main-
taining the same time averaged output power.
FIGURE 3-7:
CODE WORD BLANKING
TABLE 3-7:
CODE WORD BLANKING ENABLE (CWBE)
3.4.4
DELAYED INCREMENT (DINC)
The HCS412’s Delayed Increment feature advances
the synchronization counter by 12 a period of TTO after
the encoder activation occurs, for additional security.
The next activation will show a synchronization counter
increase of 13, not 1.
If the active button is released before the time-out TTO
has elapsed, the device stops transmitting but remains
powered for the duration of the time-out period. The
device will then advance the stored synchronization
counter by 12 before powering down.
If the active button is released before the time-out TTO
has elapsed and another activation occurs while wait-
ing out the time-out period, the time-out counter will
RESET and the resulting transmission will contain syn-
chronization counter value +1.
3.4.5
PLL INTERFACE
If the RFEN/S2/LC1 pin is configured as an RF enable
output, the pin’s behavior is coordinated with the DATA
pin to enable a typical PLL’s ASK or FSK mode.
The PLL Interface (AFSK) configuration option controls
the output as shown in Figure 3-8.
TABLE 3-8:
PLL INTERFACE(AFSK)
3.4.6
LED OUTPUT
During normal operation (good battery), while transmit-
ting data the device’s LED pin will periodically be driven
low as indicated in Figure 3-9.
If the supply voltage drops below the trip point specified
by VLDWSEL, the LED pin will be driven low only once
for a longer period of time.
3.4.7
LONG PREAMBLE (LPRE)
Enabling the Long Preamble configuration option
extends the first code word’s 50% duty cycle preamble
to a ‘long’ preamble time TLPRE. The longer preamble
will be a square wave at the selected RFTE
(Figure 3-10).
RFBSL1:0
CWBE
PWM RFTE
Manchester RFTE
Transmit...
00b
X
400
µs800 µs
All code words
01b
0
200
µs400 µs
All code words
1
200
µs400 µs
Every other code word
10b
0
100
µs200 µs
All code words
1
100
µs200 µs
Every other code word
11b
0
100
µs200 µs
All code word
1
100
µs200 µs
Every fourth code word
CWBE Disabled
(All words transmitted)
CWBE Enabled
(1 out of 2 transmitted)
A
2A
RF Output Amplitude = A
CWBE Enabled
(1 out of 4 transmitted)
4A
Code
Word
Code
Word
Code
Word
Code
Word
Code
Word
Code
Word
Code
Word
Code
Word
Code
Word
Code
Word
Code
Word
Code
Word
Code
Word
Code
Word
Note: If delayed increment is enabled, the QUE
counter will not reset to 0 until timeout TTO
has elapsed.
AFSK
Description
0
ASK PLL Setup
1
FSK PLL Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com