Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS412T Datasheet(PDF) 25 Page - Microchip Technology

Part # HCS412T
Description  KEELOQ Code Hopping Encoder and Transponder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS412T Datasheet(HTML) 25 Page - Microchip Technology

Back Button HCS412T Datasheet HTML 21Page - Microchip Technology HCS412T Datasheet HTML 22Page - Microchip Technology HCS412T Datasheet HTML 23Page - Microchip Technology HCS412T Datasheet HTML 24Page - Microchip Technology HCS412T Datasheet HTML 25Page - Microchip Technology HCS412T Datasheet HTML 26Page - Microchip Technology HCS412T Datasheet HTML 27Page - Microchip Technology HCS412T Datasheet HTML 28Page - Microchip Technology HCS412T Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS41099C-page 25
HCS412
FIGURE 4-9:
PROGRAM SEQUENCE - CONSECUTIVE WORDS
FIGURE 4-10: PROGRAMMING - VERIFICATION
4.3.6
IFF CHALLENGE AND RESPONSE
The transponder reader sends one of four possible IFF
commands indicating which crypt key and which algo-
rithm to use to encrypt the challenge (Table 4-7).
The command is followed by the 32-bit challenge, typi-
cally a random number. The HCS412 encrypts the
challenge using the designated crypt key and algorithm
and responds with the 32-bit encrypted result. The
reader authenticates the response by comparing it to
the expected value.
The second crypt key and the seed value occupy the
same EEPROM storage area. To use the second crypt
key for IFF, the Seed Enable (SEED) and the Tempo-
rary Seed Enable (TMPSD) configuration options must
be disabled.
TABLE 4-7:
CHALLENGE AND RESPONSE COMMANDS
Communication from reader to HCS412
Communication from HCS412 to reader
Write 18x16-bit
words total.
Start
Verify
Communication from reader to HCS412
Communication from HCS412 to reader
Write 18x16-bit
words total.
Verify 18x16-bit
words total.
0
1
01b Preamble
Start
1 LFTE
16-bit
Response
3LFTE Delay between
each 16-bit word
Approximately 1ms
delay before verify
begins.
Note: If seed transmissions are not appropriately
disabled, the HCS412 will default to using
KEY1 for IFF.
Command
Description
Expected data In
Response
10000
IFF using key-1 and IFF algorithm
32-Bit Challenge
32-Bit Response
10001
IFF using key-1 and HOP algorithm
32-Bit Challenge
32-Bit Response
10100
IFF using key-2 and IFF algorithm
32-Bit Challenge
32-Bit Response
10101
IFF using key-2 and HOP algorithm
32-Bit Challenge
32-Bit Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com