Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS412T Datasheet(PDF) 7 Page - Microchip Technology

Part # HCS412T
Description  KEELOQ Code Hopping Encoder and Transponder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS412T Datasheet(HTML) 7 Page - Microchip Technology

Back Button HCS412T Datasheet HTML 3Page - Microchip Technology HCS412T Datasheet HTML 4Page - Microchip Technology HCS412T Datasheet HTML 5Page - Microchip Technology HCS412T Datasheet HTML 6Page - Microchip Technology HCS412T Datasheet HTML 7Page - Microchip Technology HCS412T Datasheet HTML 8Page - Microchip Technology HCS412T Datasheet HTML 9Page - Microchip Technology HCS412T Datasheet HTML 10Page - Microchip Technology HCS412T Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS41099C-page 7
HCS412
TABLE 2-2:
OSCILLATOR CALIBRATION
VALUE (OSCT)
FIGURE 2-7:
HCS412 NORMALIZED RFTE
VERSUS TEMP
2.2.6
LOW VOLTAGE DETECTOR
The HCS412’s battery voltage detector detects when
the supply voltage drops below a predetermined value.
The value is selected by the Low Voltage Trip Point
Select (VLOWSEL) configuration option.
The low voltage detector result is included in encoder
transmissions (VLOW) allowing the receiver to indicate
when the transmitter battery is low (Figure 3-2).
The HCS412 indicates a low battery condition by
changing the LED operation (Figure 3-9).
FIGURE 2-8:
TYPICAL VOLTAGE TRIP
POINTS
TABLE 2-3:
VLOWSEL OPTIONS
TABLE 2-4:
VLOW STATUS BIT
2.2.7
THE S2/RFEN/LC1 PIN
The S2/RFEN/LC1 pin may be used as a button input,
RF enable output or as an interface to the LF antenna.
Select between LC1 antenna interface and S2/RFEN
functionality with the button/transponder select (S2LC)
configuration option (Table 2-2).
2.2.7.1
S2 BUTTON INPUT CONSIDERATIONS
The S2/RFEN/LC1 pin defaults to LF antenna output
LC1 when the HCS412 is first connected to the supply
voltage (i.e., battery replacement).
The configuration register controlling the pin’s function
is loaded on the first device activation after battery
replacement. A desired S2 input state is therefore
enabled only after the first activation of either S0, S1 or
LC0. The transponder bias circuitry switches off and
the internal pull-down resistor is enabled when the S2/
RFEN/LC1 pin reaches button input configuration.
There will be an extra delay the first activation after
connecting to the supply voltage while the HCS412
retrieves the configuration word and configures the
pins accordingly.
OSCT3:0
Description
0111b
Slowest Oscillator Setting (long TE)
+:
0011b
0010b
0001b
:
Slower (longer TE)
:
0000b
Nominal Setting
1111b
1110b
1101b
:
Faster (shorter TE)
:
-:
1000b
Fastest Oscillator Setting (short TE)
0.94
1.10
1.08
1.06
1.04
1.02
1.00
0.98
0.96
0.92
0.90
RFTE
RFTE
VDD LEGEND
= 2.0V
= 3.0V
= 6.0V
NORMALIZED
Temperature °C
-50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90
Note:
Values are for calibrated oscillator.
RFTE
VLOWSEL
Nominal
Trip
Point
Description
0
2.2V
for 3V battery applications
1
4.4V
for 6V battery applications
VLOW
Description
0VDD is above selected trip voltage
1VDD is below selected trip voltage
VLOW
Volts (V)
-40
050
85
2.0
1.6
1.8
2.2
2.4
2.6
Temp (°C)
VLOW sel = 0
4.4
4.0
4.2
3.8
4.6
4.8
5.0
VLOW sel = 1
2.8
Nominal VLOW trip point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com