Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS412T Datasheet(PDF) 17 Page - Microchip Technology

Part # HCS412T
Description  KEELOQ Code Hopping Encoder and Transponder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS412T Datasheet(HTML) 17 Page - Microchip Technology

Back Button HCS412T Datasheet HTML 13Page - Microchip Technology HCS412T Datasheet HTML 14Page - Microchip Technology HCS412T Datasheet HTML 15Page - Microchip Technology HCS412T Datasheet HTML 16Page - Microchip Technology HCS412T Datasheet HTML 17Page - Microchip Technology HCS412T Datasheet HTML 18Page - Microchip Technology HCS412T Datasheet HTML 19Page - Microchip Technology HCS412T Datasheet HTML 20Page - Microchip Technology HCS412T Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS41099C-page 17
HCS412
TABLE 3-9:
ENCODER TIMING SPECIFICATIONS
VDD = +2.0 to 6.6V
Commercial (C):TAMB = 0
°C to +70°C
Industrial
(I): TAMB = -40
°C to +85°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Remarks
Time to second button press
TBP
44 + Code
Word Time
58 + Code
Word Time
63 + Code
Word Time
ms
Note 1
Transmit delay from button detect
TTD
20
30
40
ms
Note 2
Debounce delay on button press
TDBP
14
20
26
ms
Debounce delay on button release
TDBR
20
ms
Auto-shutoff time-out period
TTO
18
20
22
s
Note 3
Long preamble
TLPRE
64
ms
LED on time
TLEDON
32
ms
Note 4
LED off time
TLEDOFF
480
ms
Note 4
LED on time (VDD < VLOW Trip Point)
TLEDL
200
ms
Note 5
Time to delayed SEED
transmission
TDSD
3s
Queue Time
TQUE
30
ms
Note 1: TBP is the time in which a second button can be pressed without completion of the first code word where the
intention was to press the combination of buttons.
2: Transmit delay maximum value, if the previous transmission was successfully transmitted.
3: The auto-shutoff time-out period is not tested.
4: The LED times specified for VDD > VTRIP specified by VLOW in the configuration word.
5: LED on time if VDD < VTRIP specified by VLOW in the configuration word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com