Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS412T Datasheet(PDF) 30 Page - Microchip Technology

Part # HCS412T
Description  KEELOQ Code Hopping Encoder and Transponder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS412T Datasheet(HTML) 30 Page - Microchip Technology

Back Button HCS412T Datasheet HTML 26Page - Microchip Technology HCS412T Datasheet HTML 27Page - Microchip Technology HCS412T Datasheet HTML 28Page - Microchip Technology HCS412T Datasheet HTML 29Page - Microchip Technology HCS412T Datasheet HTML 30Page - Microchip Technology HCS412T Datasheet HTML 31Page - Microchip Technology HCS412T Datasheet HTML 32Page - Microchip Technology HCS412T Datasheet HTML 33Page - Microchip Technology HCS412T Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
HCS412
DS41099C-page 30
Preliminary
© 2002 Microchip Technology Inc.
5.0
CONFIGURATION SUMMARY
Table 5-1 summarizes the available HCS412 options.
TABLE 5-1:
HCS412 CONFIGURATION SUMMARY
Symbol
Reference
Section
Description
KEY1
64-bit Encoder Key 1
SDVAL
Section 3.2.7
60-bit seed value transmitted in CH Mode if (SEED = 1 AND TMPSD = 0) or if (SEED
= 0 AND TMPSD = 1).
KEY2
LSB 60 bits of Encoder Key 2. 4 MSb’s set to XXXX. (Note 1)
TCODE
Section 4.3.3
28-bit Transport Code
AFSK
Section 3.4.5
PLL Interface Select.
0 = ASK
1 = FSK
RFEN
Section 2.2.7
RF Enable output active.
0 = Disable
1 = Enable
LPRE
Section 3.4.7
Long Preamble Enable.
0 = Disable
1 = Enable
QLVS
Section 3.4.8
Special Features Enable.
0 = Disable
1 = Enable
OSCT
Section 2.2.5
Oscillator Tune Value.
1000b
Fastest
0000b
Nominal
0111b
Slowest
VLOWSEL
Section 2.2.6
Low Voltage Trip Point Select
0 = 2.2 Volt
1 = 4.4 Volt
IDAMP
Section 4.4.3
Intelligent Damping Enable
0 = Enable
1 = Disable
LFSP
Section 4.4
LF Communication Special Features
LFSP1:0
Active Feature
00b
None
01b
Anticollision
10b
Prox Activation
11b
RF Echo
LFBSL
Section 4.2
IFF Baud Rate Select (LFTE)
0 = 200 us
1 = 100 us
MOD
Section 3.3
DATA pin modulation format
0 = PWM
1 = Manch
CWBE
Section 3.4.3
Code word Blanking Enable
0 = Disable
1 = Enable
MTX4
Section 3.4.1
Minimum Four Code words
0 = Disable
1 = Enable
RFBSL
Section 3.3
Transmission Baud Rate (RFTE)
RFBSL1:0
PWM
Manch
00b
400 us
800 us
01b
200 us
400 us
10b
100 us
200 us
11b
100 us
200 us
S2LC
Section 3.4.1
S2/RFEN/LC1 Pin Configuration bit.
0 = LC
1 = S Input
—
Reserved, Set to 0
—
—
TMPSD
Section 3.2.7
Temporary Seed Enable (Note 1)
0 = Disable
1 = Enable
SEED
Section 3.2.7
Seed Transmission Enable (Note 1)
0 = Disable
1 = Enable
XSER
Section 3.2.5
Extended Serial number
0 = Disable
1 = Enable
DINC
Section 3.4.4
Delayed Increment
0 = Disable
1 = Enable
DISC
Section 3.2.6
10-bit Discrimination value
OVR
Section 3.2.4
Counter Overflow Value
SER
32-bit Serial Number
USR
64-bit user EEPROM area
CNT
16-bit Synchronization counter
—
Reserved set 0000h
Note 1: If IFF with KEY2 is enabled only if TMPSD = 1 and SEED = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com