Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS412T Datasheet(PDF) 22 Page - Microchip Technology

Part # HCS412T
Description  KEELOQ Code Hopping Encoder and Transponder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS412T Datasheet(HTML) 22 Page - Microchip Technology

Back Button HCS412T Datasheet HTML 18Page - Microchip Technology HCS412T Datasheet HTML 19Page - Microchip Technology HCS412T Datasheet HTML 20Page - Microchip Technology HCS412T Datasheet HTML 21Page - Microchip Technology HCS412T Datasheet HTML 22Page - Microchip Technology HCS412T Datasheet HTML 23Page - Microchip Technology HCS412T Datasheet HTML 24Page - Microchip Technology HCS412T Datasheet HTML 25Page - Microchip Technology HCS412T Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
HCS412
DS41099C-page 22
Preliminary
© 2002 Microchip Technology Inc.
4.3.2
READ
The transponder reader sends one of seven possible
read commands indicating which 16-bit EEPROM word
to retrieve (Table 4-4). The HCS412 retrieves the data
and returns the 16-bit response.
Each Read response is preceded by a 1LFTE low
START pulse and ‘01b’ preamble (Figure 4-4).
The following locations are available to read:
• The 64-bit general purpose user EEPROM.
(USER[3:0]).
• The 32-bit serial number (SER[1:0]). The serial
number is also transmitted in each code hopping
transmission.
• The16-bit Configuration word containing all non-
security related options.
FIGURE 4-4:
READ
4.3.3
WRITE
The transponder reader sends one of seven possible
write commands (Table 4-5) indicating which 16-bit
EEPROM word to write to. The 16-bit data to be written
follows the command. The HCS412 will attempt to write
the value into EEPROM and respond with an Acknowl-
edge sequence if successful.
The following locations are available to write:
• The 64-bit general purpose user EEPROM.
(USER[3:0]) (Figure 4-6).
• The 32-bit serial number (SER[1:0]). The serial
number is also transmitted in each code hopping
transmission (Figure 4-5).
• The16-bit Configuration word containing all non-
security related configuration options. If the con-
figuration is written, the device must be RESET
before the new settings take effect (Figure 4-5).
A Transport Code, write access password, protects the
serial number and configuration word from undesired
modification. For these locations the reader must follow
the WRITE command with the appropriate 28-bit trans-
port code, then the 16 bits of data to write. Only a cor-
rect match with the transport code programmed during
production will allow write access to the serial number
and configuration word (Figure 4-5).
The delay to a successful write Acknowledge will vary
depending on the number of bits changed.
TABLE 4-4:
LIST OF READ COMMANDS
Command
Description
Expected data In
Response
00001
Read Configuration word
None
16-bit Configuration word
00010
Read low serial number
None
Lower 16 bits of serial number (SER0)
00011
Read high serial number
None
Higher 16 bits of serial number (SER1)
00100
Read user EEPROM 0
None
16 Bits of User EEPROM USR0
00101
Read user EEPROM 1
None
16 Bits of User EEPROM USR1
00110
Read user EEPROM 2
None
16 Bits of User EEPROM USR2
00111
Read user EEPROM 3
None
16 Bits of User EEPROM USR3
16-bit
Start
TRT
01
2 LFTE
01b Preamble
Command
Response
Communication from reader to HCS412
Communication from HCS412 to reader
ACK
Start
1 LFTE
TPU
TATO
Activate
Field
ACK
Delay to
Command
Command
Delay until
Response
16-bit Response
6 LFTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com