Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS412T Datasheet(PDF) 10 Page - Microchip Technology

Part # HCS412T
Description  KEELOQ Code Hopping Encoder and Transponder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS412T Datasheet(HTML) 10 Page - Microchip Technology

Back Button HCS412T Datasheet HTML 6Page - Microchip Technology HCS412T Datasheet HTML 7Page - Microchip Technology HCS412T Datasheet HTML 8Page - Microchip Technology HCS412T Datasheet HTML 9Page - Microchip Technology HCS412T Datasheet HTML 10Page - Microchip Technology HCS412T Datasheet HTML 11Page - Microchip Technology HCS412T Datasheet HTML 12Page - Microchip Technology HCS412T Datasheet HTML 13Page - Microchip Technology HCS412T Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
HCS412
DS41099C-page 10
Preliminary
© 2002 Microchip Technology Inc.
FIGURE 3-2:
CODE WORD ORGANIZATION
3.2.1
QUEUE COUNTER (QUE)
The QUE counter can be used to request secondary
decoder functions using only a single transmitter but-
ton. Typically a decoder must keep track of incoming
transmissions to determine when a double button press
occurs, perhaps an unlock all doors request. The QUE
counter removes this burden from the decoder by
counting multiple button presses.
The 2-bit QUE counter is incremented each time an
active button input is released for at least the
Debounce Time (TDBR), then reactivated (button
pressed again) within the Queue Time (TQUE). The
counter increments up from 0 to a maximum of 3,
returning to 0 only after a different button activation or
after button activations spaced greater than the Queue
Time (TQUE) apart.
The current transmission aborts, after completing the
minimum number of code words (Section 3.4.1), when
the active button input is released. A button re-activa-
tion within Queue Time (TQUE) then initiates a new
transmission (new synchronization counter, encrypted
data) using the updated QUE value.
Figure 3-3 shows the timing diagram to increment the
queue counter value.
FIGURE 3-3:
QUE COUNTER TIMING DIAGRAM
VLOW
1-Bit
Fixed Code Portion (37 Bits)
QUE
2 Bits
CRC
2 Bits
VLOW
1-Bit
SER 1
Most Sig 16 Bits
SER 0
Least Sig 16 Bits
BUT
4 Bits
Counter
Overflow
2 Bits
DISCRIM
10 Bits
Synchronization
16 Bits
Counter
15
0
S2
S1
S0 LC0 OVR1
OVR0
Hopping Code Portion Message (32 Bits)
Q1 Q0 C1 C0
MSb
LSb
69 Data bits
Transmitted LSb first.
32-bit Serial Number (XSER = 1)
Fixed Code Portion (37 Bits)
QUE
2 Bits
CRC
2 Bits
BUT
4 Bits
S2
S1
S0 LC0
SER 0
Least Sig16 Bits
BUT
4 Bits
Counter
Overflow
2 Bits
DISCRIM
10 Bits
Synchronization
16 Bits
Counter
15
0
S2
S1
S0 LC0 OVR1
OVR0
Hopping Code Portion Message (32 Bits)
Q1 Q0 C1 C0
MSb
LSb
69 Data bits
Transmitted LSb first.
SER 1
12 MSb’s
28-bit Serial Number (XSER = 0)
Shaded data included in CRC calculation
Input
Sx
Code Words
Transmitted
1st Button Press
All Buttons Released
2nd Button Press
QUE1:0 = 002
Synch CNT = X
QUE1:0 = 012
Synch CNT = X+1
t2 = 0
t1 > TDBP
t1 = 0
TDBR < t < TQUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com