Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC129ALC4 Datasheet (PDF) - Analog Devices

Part # HMC129ALC4
Description  4 GHz to 8 GHz GaAs MMIC Double-Balanced Mixer
File Size   205.76 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC129ALC4 Datasheet (PDF) - Analog Devices



Similar Part No. - HMC129ALC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC129 HITTITE-HMC129 Datasheet
173Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129 HITTITE-HMC129 Datasheet
174Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129 HITTITE-HMC129 Datasheet
171Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
logo
Micross Components
HMC129 MICROSS-HMC129 Datasheet
820Kb / 9P
No DC Bias Required
logo
Hittite Microwave Corpo...
HMC129G8 HITTITE-HMC129G8 Datasheet
122Kb / 4P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4 - 8 GHz
More results


Similar Description - HMC129ALC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC129 HITTITE-HMC129 Datasheet
173Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129LC4 HITTITE-HMC129LC4 Datasheet
288Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129 HITTITE-HMC129_07 Datasheet
171Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129 HITTITE-HMC129_09 Datasheet
174Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129G8 HITTITE-HMC129G8_08 Datasheet
186Kb / 4P
GaAs MMIC SMT DOUBLE - BALANCED MIXER, 4 - 8 GHz
HMC129LC4 HITTITE-HMC129LC4_09 Datasheet
212Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
logo
Analog Devices
HMC560ALM3 AD-HMC560ALM3 Datasheet
381Kb / 22P
22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
6/2019-Revision 0
HMC260ALC3B AD-HMC260ALC3B Datasheet
273Kb / 16P
10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
1/2018-Revision 0
HMC553ACHIPS AD-HMC553ACHIPS Datasheet
488Kb / 27P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
12/2019-Revision 0
HMC554ACHIPS AD-HMC554ACHIPS Datasheet
378Kb / 28P
10 GHz to 20 GHz, GaAs, MMIC, Double-Balanced Mixer
10/2019-Revision 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com