Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR1640FCT Datasheet (PDF) - RFE international

Part # MUR1640FCT
Description  Ultra-Fast Recovery Recifier Diodes MUR1640FCT 8A*2 FRED Pt
File Size   2704.59 Kbytes
Html View  1   2   3 
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MUR1640FCT Datasheet (PDF) - RFE international



Similar Part No. - MUR1640FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR1640FCT MCC-MUR1640FCT Datasheet
78Kb / 3P
16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR1640FCT KERSEMI-MUR1640FCT Datasheet
797Kb / 2P
16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
MUR1640FCT KERSEMI-MUR1640FCT Datasheet
797Kb / 2P
16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
MUR1640FCT KERSEMI-MUR1640FCT Datasheet
797Kb / 2P
16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
MUR1640FCT KERSEMI-MUR1640FCT Datasheet
796Kb / 2P
16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results


Similar Description - MUR1640FCT

ManufacturerPart #DatasheetDescription
logo
RFE international
MUR1620CT RFE-MUR1620CT Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR1620CT 8A x 2 FRED
09-08-2020
MUR1640CT RFE-MUR1640CT Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR1640CT 8A x 2 FRED
09-08-2020
MUR1660FCT RFE-MUR1660FCT Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR1660FCT 8A *2 FRED Pt.
08-10-2020
MUR3060P RFE-MUR3060P Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR3060P 30A FRED Pt
28-10-2020
MUR540F RFE-MUR540F Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR540F 5A FRED Pt
12-11-2020
MUR560F RFE-MUR560F Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR560F 5A FRED Pt
12-11-2020
MUR820 RFE-MUR820 Datasheet
2Mb / 3P
Ultra-Fast Recovery Diodes 8A FRED Pt MUR820
09-30-2022
MUR840F RFE-MUR840F Datasheet
2Mb / 3P
Ultra-Fast Recovery Diodes 8A FRED Pt MUR840F
09-29-2022
MUR860F RFE-MUR860F Datasheet
2Mb / 3P
Ultra-Fast Recovery Diodes 8A FRED Pt MUR860F
09-29-2022
MURB1660CT RFE-MURB1660CT Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes 8A*2 FRED Pt
09-29-2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com