| Manufacturer | Part # | Datasheet | Description |
 List of Unclassifed Man... |
VCF5
|
70Kb / 2P |
TeSys Vario - emergency stop switch
|
 PHOENIX CONTACT |
2819189
|
79Kb / 5P |
Emergency-stop Y plug
|
 Schneider Electric |
ZBY9330
|
93Kb / 2P |
marked legend 횠60 for emergency stop - EMERGENCY STOP/logo ISO13850
Aug 10, 2020 |
|
VCFN40GE
|
118Kb / 2P |
TeSys Vario enclosed, emergency stop switch disconnector, 32A, IP55
Jul 12, 2021 |
|
VCFN20GE
|
127Kb / 3P |
TeSys Vario enclosed, emergency stop switch disconnector, 16A, IP55
Jul 12, 2021 |
|
VCFN12GE
|
128Kb / 3P |
TeSys Vario enclosed, emergency stop switch disconnector, 10A, IP55
Jul 12, 2021 |
|
9001SKR9P1LRRH13
|
71Kb / 1P |
SWITCH EMERGENCY STOP
Jan 13, 2022 |
|
VCFN12GE
|
140Kb / 3P |
TeSys Vario enclosed, emergency stop switch disconnector, 10A, IP55
Jun 13, 2022 |
 IDEC Corporation |
XA-SERIES
|
3Mb / 64P |
Emergency Stop Switches
JULY 2017 |
 Pepperl+Fuchs Inc. |
VAZ-2E1A-F85A-S
|
738Kb / 3P |
Emergency stop button
2021-04-08 |