Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 2 Page - Omron Electronics LLC

  A22Z-R25 Datasheet HTML 1Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 2Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 3Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 4Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 5Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 6Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 7Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
G-304
Safety Sensors / Components
Model Number Structure
Model Number Legend
Completely Assembled
Shipped as a set which includes the Pushbutton, Lamp (lighted models only), and Switch.
Subassembled
The Pushbutton, Lamp, or Switch can be ordered separately. Use them in combination for models that are not available as assembled Units. These
can also be used as inventory for maintenance parts.
1
2
3
4
L
MP
LP
S
M
L
SK
MK
6D
6 VDC
6A
6 VAC
12A
12 VAC/VDC
24A
24 VAC/VDC
T1
110 VAC*1
T2
220 VAC*2
01
11
02
A22E
#-#-#-#
1 Lighted/Non-lighted
Code
Description
None Non-lighted
Lighted (see note)
2 Head Size
Code
Description
40 dia.
Push-pull
60 dia.
30 dia.
Push-lock, turn-reset
40 dia.
60 dia.
30 dia.
Push-lock key reset
40 dia.
3 Light Source
Code
Operating Voltage
None Non-lighted
LED
With Voltage Reduction Unit
None Non-lighted
LED
Without Voltage Reduction Unit
4 Contacts
Code
Description
SPST-NC
SPST-NO + SPST-NC
DPST-NC
*1) Operational voltage: 95 to 110 VAC
*2) Operational voltage: 190 to 230 VAC
Note: Lighted Emergency Stop
Switches are available
only for the 40-dia. push-
lock turn-reset models.
Note: The LED lamp (24 VAC/VDC) can be
lit by directly applying 110 VAC/VDC
(220 VAC/VDC) to the lamp terminal.
LED incorporates the 24-VAC/VDC
models.
Unit Combinations
Non-lighted
Pushbutton
Pushbutton
Pushbutton
Lamp
Lamp
Switch (without Voltage Reduction Unit)
Switch (with Voltage Reduction Unit)
Switch
∑ LED
∑ Incandescent
Unit Combinations
∑ LED
Lighted
(without Voltage
Reduction Unit)
Lighted
(with Voltage
Reduction Unit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com