Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 3 Page - Omron Electronics LLC

  A22Z-R25 Datasheet HTML 1Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 2Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 3Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 4Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 5Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 6Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 7Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
G-305
A22E
1. Pushbutton
Lighted/Non-lighted
2. Lamp
3. Switch
Lighted/Non-lighted
1
2
L
MP
LP
S
M
L
SK
MK
A22E
#-#
1 Lighted/Non-lighted
Code
Description
None Non-lighted
Lighted (see note)
2 Head Size
Code
Description
40 dia.
Push-pull
60 dia.
30 dia.
Push-lock, turn-reset
40 dia.
60 dia.
30 dia.
Push-lock key reset
40 dia.
Note: Lighted Emergency Stop
Switches are available
only for the 40-dia. push-
lock turn-reset models.
1 2
R
6D
6 VDC (6 VDC)
6A
6 VAC (6 VAC)
12A
12 VAC/VDC (12 VAC/VDC)
24A
24 VAC/VDC (24 VAC/VDC)
A22-
##
2 Illumination Color
Code
Description
Red
1 Operating Voltage (Rated Voltage)
LED
Incandescent
Code
1
2
3
L
01
11
02
T1
110 VAC*1
T2
220 VAC*2
A22
#-#M-#
1 Lighted/Non-lighted
Code
Description
None Non-lighted
Lighted
2 Contacts
Code
Description
SPST-NC
SPST-NO + SPST-NC
DPST-NC
3 Voltage Reduction Unit (Lighted Models Only)
Code
Description
None
Without Voltage Reduction Unit
*1) Operational voltage: 95 to 110 VAC
*2) Operational voltage: 190 to 230 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com