| Electronic Components Datasheet Search |
|
A22Z-R25 Datasheet(PDF) 16 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22Z-R25 Datasheet(HTML) 16 Page - Omron Electronics LLC |
|
16 / 18 page ![]() G-318 Safety Sensors / Components Assembling the Cap Emergency Stop Switch Insert the protrusion of the Tightening Wrench (A22Z-3905) into the Cap slot and then turn to remove the Cap. Installing/Replacing the Lamp Installing/Replacing from the Panel Surface Insert the Lamp Extractor (A22Z-3901) into the lamp, then rotate the Extractor while pressing it. Installing/Replacing on the Switch Grip the indicator with your fingers, then rotate the indicator while pressing it against the Switch. Control Box (Enclosure) Mounting the Switch The Standard-size Legend Plate Frame can be mounted. Mount the Frame as shown in the following diagram. Mount the Switch in the same way as for an ordinary panel. Creating a Cable Port Hole Place the tip of a screwdriver on the surface where the cable port hole is to be created with the cover attached and strike the screw- driver to punch a hole. Attempts to punch a hole on the other side of the case will damage the Box. Securing the Connector Cable 1. Insert the connector into the cable port hole in the Box and secure with the fixing nut inside the box. 2. Open a hole in the thin rubber section of the rubber ring. 3. Pass the tightening cap through the cable, insert the cable into the connector, and tighten the hexagonal nut to secure the cable. Cable diameter Connector 7 to 9 dia. A22Z-3500-1 9 to 11 dia. A22Z-3500-2 Snap-in Legend Plate Lock nut Rubber washer Connector Tightening cap Inside Outside Box Cable |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |