Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 4 Page - Omron Electronics LLC

  A22Z-R25 Datasheet HTML 1Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 2Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 3Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 4Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 5Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 6Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 7Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
G-306
Safety Sensors / Components
Ordering Information
List of Models
Completely Assembled (Ask your local OMRON representative)
Non-lighted Models
Lighted Models
Appearance
Output
Push-lock
turn-reset system
Color of cap
SPST-NC
A22E-MP-01
Red
SPST-NO/SPST-NC
A22E-MP-11
DPST-NC
A22E-MP-02
SPST-NC
A22E-LP-01
SPST-NO/SPST-NC
A22E-LP-11
DPST-NC
A22E-LP-02
SPST-NC
A22E-S-01
SPST-NO/SPST-NC
A22E-S-11
DPST-NC
A22E-S-02
SPST-NC
A22E-M-01
SPST-NO/SPST-NC
A22E-M-11
DPST-NC
A22E-M-02
SPST-NC
A22E-L-01
SPST-NO/SPST-NC
A22E-L-11
DPST-NC
A22E-L-02
SPST-NC
A22E-SK-01
SPST-NO/SPST-NC
A22E-SK-11
DPST-NC
A22E-SK-02
SPST-NC
A22E-MK-01
SPST-NO/SPST-NC
A22E-MK-11
DPST-NC
A22E-MK-02
Appearance
Output
Lighting
Rated voltage
Push-lock turn-re-
set system
Color of cap
SPST-NC
LED
6 VDC
A22EL-M-6D-01
Red
6 VAC
A22EL-M-6A-01
12 VAC/VDC
A22EL-M-12A-01
24 VAC/VDC
A22EL-M-24A-01
SPST-NO/SPST-NC
6 VDC
A22EL-M-6D-11
6 VAC
A22EL-M-6A-11
12 VAC/VDC
A22EL-M-12A-11
24 VAC/VDC
A22EL-M-24A-11
DPST-NC
6 VDC
A22EL-M-6D-02
6 VAC
A22EL-M-6A-02
12 VAC/VDC
A22EL-M-12A-02
24 VAC/VDC
A22EL-M-24A-02
SPST-NC
110 VAC
A22EL-M-T1-01
220 VAC
A22EL-M-T2-01
SPST-NO/SPST-NC
110 VAC
A22EL-M-T1-11
220 VAC
A22EL-M-T2-11
DPST-NC
110 VAC
A22EL-M-T1-02
220 VAC
A22EL-M-T2-02
A22E-MP
40-dia. head
Push-pull
A22E-LP
60-dia. head
Push-pull
A22E-S
30-dia. head
Push-lock
Turn-reset
A22E-M
40-dia. head
Push-lock
Turn-reset
A22E-L
60-dia. head
Push-lock
Turn-reset
A22E-SK
30-dia. head
Push-lock
Key-reset
A22E-MK
40-dia. head
Push-lock
Key-reset
40-dia. head
Push-lock
Turn-reset
40-dia. head
Push-lock
Turn-reset with Voltage
Reduction Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com