Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 4Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 5Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 6Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 7Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
G-310
Safety Sensors / Components
Specifications
Approved Standards
Note: UL-approved for CSA C22.2 No. 14 and bears the c
R mark.
Approved Standard Ratings
• UL, cUL (File No. E41515)
6 A at 220 V, 10 A at 110 VAC
• EN60947-5-1 (Low Voltage Directive)
Rated current: 10 A; Rated voltage: 220 VAC
Ratings
Contacts (Standard Load)
Note: 1. Rated current values are determined according to the test-
ing conditions. The above ratings were obtained by con-
ducting tests under the following conditions.
(1) Ambient temperature: 20×±2°C
(2) Ambient humidity: 65±5%
(3) Operating frequency: 20 operations/minute
2. Minimum applicable load: 10 mA at 5 VDC
Contacts (Microload)
LED Indicators without Voltage Reduction Unit
Super-bright LED Indicator
Incandescent Lamp
Voltage-reduction Lighting
Recognized
organization
Standards
File No.
UL (See note.)
UL508
E41515
AZCO
EN60947-5-1
C9805502
Rated
carry
current
Rated
voltage
Rated current (A)
AC15
(induc-
tive load)
AC12
(resistive
load)
DC13
(induc-
tive load)
DC12
(resis-
tive load)
10
24 VAC
10
10
---
---
110 VAC
5
10
220 VAC
3
6
380 VAC
2
3
440 VAC
1
2
24 VDC
---
---
1.5
10
110 VDC
0.5
2
220 VDC
0.2
0.6
380 VDC
0.1
0.2
Rated applicable load
Minimum applicable load
50 mA at 5 VDC
(Resistive load)
1 mA at 5 VDC
Rated voltage
Rated current
Operating voltage
6 VDC
60 mA
6 VDC±5%
6 VAC
60 mA
6 VAC/VDC±5%
12 VAC/VDC
30 mA
12 VAC/VDC±5%
24 VAC/VDC
15 mA
24 VAC/VDC±5%
Rated voltage
Rated current
Operating voltage
24 VAC/VDC
15 mA
24 VAC/VDC ±5%
Rated voltage
Rated current
Operating voltage
6 VAC/VDC
200 mA
5 VAC/VDC
14 VAC/VDC
80 mA
12 VAC/VDC
28 VAC/VDC
40 mA
24 VAC/VDC
130 VAC/VDC
20 mA
100 VAC/VDC
Rated voltage
Operational voltage
Applicable lamp
(BA9S/13# gold)
110 VAC
95 to 115 VAC
LED Lamp
(A22-24A#)
220 VAC
190 to 230 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com