Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 14Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 15Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 16Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 17Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 18Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
G-317
A22E
Installation
Mounting to the Panel
Mounting the Operation Unit on the Panel
Insert the Operation Unit (Pushbutton, etc.) from the front surface of
the panel, insert the Lock Ring and the mounting nut from the termi-
nal side, then tighten the nut. Before tightening, check that the rub-
ber washer is present between the Pushbutton Unit and the panel.
When using a Legend Plate Frame, put one rubber washer each
between the Legend Plate Frame and the panel and between the
Operation Unit and the Legend Plate Frame. (One rubber washer will
be provided when one Legend Plate Frame is ordered.)
Align the Lock Ring with the groove in the casing, then insert the
Lock Ring so that its edge is located on the panel side.
Tighten the mounting nut at a torque of 0.98 to 1.96 N·m.
When using a Lock Ring, replace with the supplied Lock Ring, insert
the projecting part into the lock slot, and then tighten the mounting
nut.
When the panel cutout dimension is 25 dia., remove the supplied
rubber washer and mount the 25-dia. Ring as shown below. (Since
the A22Z-R25 is not attached to the main body, order separately.)
Mounting the Switch on the Pushbutton Unit
Insert the Pushbutton Unit into the Switch Unit, aligning the arrow
mark inscribed on the Case with the lever on the Switch Blocks, then
move the lever in the direction indicated by the arrow in the following
figure.
Removing the Switch
Move the lever in the direction indicated by the arrow in the following
figure, then pull the Pushbutton Unit or the Switch Blocks.
Since the lever has a hole with an inside diameter of 6.5 mm, the
lever can be moved in the specified direction by inserting a screw-
driver into the hole and then moving the screwdriver.
Hold here
Mounting nut
Lock Ring
Rubber washer
Panel
Panel
Lock Ring
Pro-
jecting
part
Operation Unit
25-dia. Ring
(A22Z-R25)
Panel
Lock Ring
Mounting nut
22.3 dia.
25 dia.
25 dia.
22 dia.
22.3 dia.
Operation Unit
Arrow mark
Lever
Screwdriver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com