Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 5Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 6Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 7Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
G-311
A22E
Characteristics
Note: 1. With no icing or condensation.
2. Malfunction within 1 ms.
Operating Characteristics (for SPST-NO/SPST-NC)
Note: Rotation torque for Emergency Stop Pushbutton.
Item
Emergency Stop Switches
Non-lighted model: A22E
Lighted model: A22EL
Allowable operating
frequency
Mechanical
30 operations/minute max.
Electrical
30 operations/minute max.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
2,500 VAC, 50/60 Hz for 1 min between terminals of same polarity
2,500 VAC, 50/60 Hz for 1 min between terminals of different polarity and also
between each terminal and ground
Vibration resistance
Malfunction (See note 2.): 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Mechanical
1,000 m/s2
Malfunction (See note 2.)
250 m/s2 max.
Durability
Mechanical
Momentary operation: 300,000 operations min.
Electrical
300,000 operations min.
Ambient temperature
(See note 1.)
Operating:
-20°C to 70°C
Storage: -40°C to 70°C
Operating:
-20°C to 55°C
Storage:
-40°C to 70°C
Ambient humidity
Operating: 35% to 85%
Degree of protection
IP65
(oil-resistant)
IP65
Electric shock protection class
Class II
PTI (tracking characteristic)
175
Degree of contamination
3 (IEC947-5-1)
Item
Emergency Stop Switches
Push-lock turn-reset system
A22E, A22EL
Total travel force
(TTF) max.
44.1 N
Total travel
(TT)
10±1 mm
Releasing force (RF) min.
0.25 N·m max.
(See note.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com