Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FGM623S Datasheet (PDF) - Sanken electric

Part # FGM623S
Description  Low Saturation Voltage VCE(sat)=1.5V typ. (IC=30A)
File Size   387.62 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FGM623S Datasheet (PDF) - Sanken electric



Similar Part No. - FGM623S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FGM623S SANKEN-FGM623S Datasheet
388Kb / 7P
Low Saturation Voltage
FGM623S SANKEN-FGM623S Datasheet
175Kb / 4P
Selection Guide
logo
Inchange Semiconductor ...
FGM623S ISC-FGM623S Datasheet
266Kb / 2P
Trench IGBT
More results


Similar Description - FGM623S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH30N60LSD FAIRCHILD-FGH30N60LSD Datasheet
714Kb / 9P
Low saturation voltage: VCE(sat) =1.1V @ IC = 30A
SGP23N60UFTU FAIRCHILD-SGP23N60UFTU Datasheet
416Kb / 7P
Low Saturation Voltage: VCE(sat) = 2.1 V @ IC = 12 A
logo
Rohm
2SC5053_REV2008 ROHM-2SC5053_REV2008 Datasheet
84Kb / 3P
Low saturation voltage, typically VCE(sat)=0.12V at IC/IB=500mA/50mA
2SB1184TLR ROHM-2SB1184TLR Datasheet
172Kb / 4P
Low VCE(sat).VCE(sat) = -0.5V (Typ.)(IC/IB = -2A / -0.2A), Complements the 2SD1760 / 2SD1864.
logo
MAKO SEMICONDUCTOR CO.,...
2SB1073 MAKOSEMI-2SB1073 Datasheet
102Kb / 2P
Low collector-emitter saturation voltage VCE(sat)
2SB1132 MAKOSEMI-2SB1132 Datasheet
124Kb / 2P
Low VCE(sat) 0.2V(Typ) IC/IB=-500mA/-50mA
2SB1424 MAKOSEMI-2SB1424 Datasheet
132Kb / 2P
Low VCE(SAT) 0.2V(Typ.) (IC/IB=-2A/-0.1mA).
logo
Inchange Semiconductor ...
2N5497 ISC-2N5497 Datasheet
140Kb / 2P
Low Saturation Voltage-: VCE (sat)= 1V(Max)@IC= 3.5A
2N5495 ISC-2N5495 Datasheet
140Kb / 2P
Low Saturation Voltage-: VCE (sat)= 1V(Max)@IC= 3A
logo
First Silicon Co., Ltd
FTC2655 FS-FTC2655 Datasheet
162Kb / 2P
Low Saturation Voltage: VCE(sat)=0.5V(Max)(IC=1A)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com