Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFB9N65A Datasheet (PDF) - International Rectifier

Part # IRFB9N65A
Description  Power MOSFET(Vdss=650V, Rds(on)max=0.93ohm, Id=8.5A)
File Size   102.48 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB9N65A Datasheet (PDF) - International Rectifier



Similar Part No. - IRFB9N65A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFB9N65A VISHAY-IRFB9N65A Datasheet
158Kb / 8P
Power MOSFET
21-Jul-08
logo
Inchange Semiconductor ...
IRFB9N65A ISC-IRFB9N65A Datasheet
329Kb / 2P
iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFB9N65A VISHAY-IRFB9N65A Datasheet
180Kb / 9P
Power MOSFET
16-Aug-2021
logo
International Rectifier
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
SMPS MOSFET
logo
Vishay Siliconix
IRFB9N65APBF VISHAY-IRFB9N65APBF Datasheet
158Kb / 8P
Power MOSFET
21-Jul-08
More results


Similar Description - IRFB9N65A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRF3706 IRF-IRF3706 Datasheet
145Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)max=8.5mohm, Id=77A)
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRF7452 IRF-IRF7452 Datasheet
104Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)max=0.060ohm, Id=4.5A)
IRF830AS IRF-IRF830AS Datasheet
155Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)max=1.40ohm, Id=5.0A)
IRFB13N50A IRF-IRFB13N50A Datasheet
97Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.450ohm, Id=14A)
IRFIB5N65A IRF-IRFIB5N65A Datasheet
103Kb / 8P
Power MOSFET(Vdss=650V, Rds(on)max=0.93ohm, Id=5.1A)
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
IRFP460AS IRF-IRFP460AS Datasheet
115Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFR3704 IRF-IRFR3704 Datasheet
115Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com