Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFR2407 Datasheet (PDF) - International Rectifier

Part # IRFR2407
Description  Power MOSFET(Vdss=75V, Rds(on)=0.026ohm, Id=42A??
File Size   129.34 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR2407 Datasheet (PDF) - International Rectifier



Similar Part No. - IRFR2407

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR2407 IRF-IRFR2407 Datasheet
140Kb / 11P
Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRFR2407 KERSEMI-IRFR2407 Datasheet
3Mb / 10P
Power MOSFET
IRFR2407 KERSEMI-IRFR2407 Datasheet
3Mb / 10P
Surface Mount (IRFR2407)
logo
Lucky Light Electronic
IRFR2407 LUCKY-LIGHT-IRFR2407 Datasheet
3Mb / 10P
Power MOSFET
logo
Inchange Semiconductor ...
IRFR2407 ISC-IRFR2407 Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
More results


Similar Description - IRFR2407

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF1310NS IRF-IRF1310NS Datasheet
156Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF1407 IRF-IRF1407 Datasheet
127Kb / 9P
Power MOSFET(Vdss=75V, Rds(on)=0.0078ohm, Id=130A??
IRF1407S IRF-IRF1407S Datasheet
159Kb / 11P
Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??
IRF1607 IRF-IRF1607 Datasheet
234Kb / 9P
Power MOSFET(Vdss=75V, Rds(on)=0.0075ohm, Id=142A??
IRF3808 IRF-IRF3808 Datasheet
131Kb / 9P
Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A??
IRFP150N IRF-IRFP150N Datasheet
135Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.035W, Id=42A)
IRFP2907 IRF-IRFP2907 Datasheet
115Kb / 9P
Power MOSFET(Vdss=75V, Rds(on)=4.5mohm, Id=209A??
IRFR4104 IRF-IRFR4104 Datasheet
182Kb / 11P
Power MOSFET(Vdss=40V, Rds(on)=5.5mohm, Id=42A)
IRFR2905ZPBF IRF-IRFR2905ZPBF Datasheet
278Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 14.5m廓 , ID = 42A )
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com